Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9301R50KL.25XX Datasheet(PDF) 1 Page - Bi technologies

Part # 9301R50KL.25XX
Description  1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

9301R50KL.25XX Datasheet(HTML) 1 Page - Bi technologies

  9301R50KL.25XX Datasheet HTML 1Page - Bi technologies 9301R50KL.25XX Datasheet HTML 2Page - Bi technologies 9301R50KL.25XX Datasheet HTML 3Page - Bi technologies 9301R50KL.25XX Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2
2-129
Model 9300 Series
MODEL 9300 SERIES
1-13/16” Diameter
3-Turn
Wirewound
Precision Potentiometer
ELECTRICAL
Resistance Range, Ohms
30 to 190K
Standard Resistance Tolerance
±5%
Minimum Practical Resistance Tolerance
±1%
Independent Linearity
±0.25%
Minimum Practical Independent Linearity
±0.2%, < 150 Ohms
±0.1%, 150-1,500 Ohms
±0.05%, 1,501-9,999 Ohms
±0.04%,
≥10K Ohms
Power Rating, Watts
3.0 at 70°C derating to 0 at 125°C
Dielectric Strength
1,000V rms
Insulation Resistance, Minimum
1,000 Megohms
Noise, Maximum
100 Ohms
Actual Electrical Travel
1,080° + 3° – 0°,
≤100 Ohms
1,080° + 2° – 0°, 101-700 Ohms
1,080° + 1° – 0°, >700 Ohms
Electrical Continuity Over Travel
+90° ±5° at each end
Tap Tolerance
±2°,
≤100 Ohms
±1°, 101-700 Ohms
±0.5°, >700 Ohms
End Voltage, Maximum
Within Std. Linearity Tolerance
MODEL STYLES
9301
1/4” Shaft, 3/8” Bushing
9303
1/4” Shaft, Servo
Specifications subject to change without notice.


Similar Part No. - 9301R50KL.25XX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9301 NSC-9301 Datasheet
76Kb / 3P
   1-OF-10 DECODERS
logo
List of Unclassifed Man...
9301 ETC2-9301 Datasheet
164Kb / 1P
   ACCEPTS 20 PIN PLCC BUILD PLUG-IN TEST CIRCUITS AND MODULES
logo
Bi technologies
9301 BITECH-9301 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
logo
Keystone Electronics Co...
9301 KEYSTONE-9301 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9301 HEYCO-9301 Datasheet
152Kb / 2P
   Snap Rivets
More results

Similar Description - 9301R50KL.25XX

ManufacturerPart #DatasheetDescription
logo
Bi technologies
9301 BITECH-9301 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
7601 BITECH-7601 Datasheet
64Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
7600 BITECH-7600 Datasheet
63Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
AR10KT2L.25XX BITECH-AR10KT2L.25XX Datasheet
103Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
5311 ETC2-5311 Datasheet
76Kb / 3P
   1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
logo
Bi technologies
5710 BITECH-5710 Datasheet
120Kb / 4P
   3 Diameter Single Turn Wirewound Precision Potentiometer
7380 BITECH-7380 Datasheet
78Kb / 5P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
7381 BITECH-7381 Datasheet
294Kb / 4P
   7/8 Diameter 3-Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
860 VISHAY-860 Datasheet
158Kb / 4P
   1 - 13/16” (46mm) Three and Ten Turn Wirewound Precision Potentiometer
Revision 16-Jul-03
logo
Bi technologies
5610 BITECH-5610 Datasheet
102Kb / 4P
   2 Diameter Single Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com