Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W29C102T-70B Datasheet(PDF) 11 Page - Winbond

Part # W29C102T-70B
Description  64K 16 CMOS FLASH MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29C102T-70B Datasheet(HTML) 11 Page - Winbond

Back Button W29C102T-70B Datasheet HTML 7Page - Winbond W29C102T-70B Datasheet HTML 8Page - Winbond W29C102T-70B Datasheet HTML 9Page - Winbond W29C102T-70B Datasheet HTML 10Page - Winbond W29C102T-70B Datasheet HTML 11Page - Winbond W29C102T-70B Datasheet HTML 12Page - Winbond W29C102T-70B Datasheet HTML 13Page - Winbond W29C102T-70B Datasheet HTML 14Page - Winbond W29C102T-70B Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
W29C102
Publication Release Date: March 1998
- 11 -
Revision A3
AC Characteristics, continued
Read Cycle Timing Parameters
(VDD = 5.0V
±10%, VSS = 0V, TA = 0 to 70° C)
PARAMETER
SYM.
W29C102-70
W29C102-90
W29C102-12
UNIT
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
Read Cycle Time
TRC
70
-
90
-
120
-
nS
Chip Enable Access Time
TCE
-
70
-
90
-
120
nS
Address Access Time
TAA
-
70
-
90
-
120
nS
Output Enable Access Time
TOE
-
35
-
45
-
60
nS
CE High to High-Z Output
TCHZ
-
25
-
25
-
30
nS
OE High to High-Z Output
TOHZ
-
25
-
25
-
30
nS
Output Hold from Address Change
TOH
0
-
0
-
0
-
nS
Byte/Page-write Cycle Timing Parameters
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Write Cycle (erase and program)
TWC
-
-
10
mS
Address Setup Time
TAS
0
-
-
nS
Address Hold Time
TAH
50
-
-
nS
WE and CE Setup Time
TCS
0
-
-
nS
WE and CE Hold Time
TCH
0
-
-
nS
OE High Setup Time
TOES
0
-
-
nS
OE High Hold Time
TOEH
0
-
-
nS
CE Pulse Width
TCP
70
-
-
nS
WE Pulse Width
TWP
70
-
-
nS
WE High Width
TWPH
100
-
-
nS
Data Setup Time
TDS
50
-
-
nS
Data Hold Time
TDH
0
-
-
nS
Byte Load Cycle Time
TBLC
-
-
150
µS
Notes:
All AC timing signals observe the following guidelines for determining setup and hold times:
(a) High level signal's reference level is VIH.
(b) Low level signal's reference level is VIL.


Similar Part No. - W29C102T-70B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011A-15 WINBOND-W29C011A-15 Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011AP-15 WINBOND-W29C011AP-15 Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011AS-15 WINBOND-W29C011AS-15 Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W29C102T-70B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29F102 WINBOND-W29F102 Datasheet
256Kb / 21P
   64K 16 CMOS FLASH MEMORY
W49F102 WINBOND-W49F102 Datasheet
277Kb / 21P
   64K X 16 CMOS FLASH MEMORY
W49L102 WINBOND-W49L102 Datasheet
252Kb / 21P
   64K X 16 CMOS 3.3V FLASH MEMORY
W29EE512 WINBOND-W29EE512 Datasheet
153Kb / 22P
   64K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
logo
ATMEL Corporation
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
   1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
logo
Winbond
W49F201 WINBOND-W49F201 Datasheet
267Kb / 23P
   128K X 16 CMOS FLASH MEMORY
logo
Freescale Semiconductor...
FTS64K FREESCALE-FTS64K Datasheet
549Kb / 44P
   64k bytes of Flash memory
logo
Winbond
W39L512 WINBOND-W39L512 Datasheet
304Kb / 25P
   64K 8 COMS FLASH MEMORY
logo
ATMEL Corporation
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com