Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W29C102P-12B Datasheet(PDF) 6 Page - Winbond

Part # W29C102P-12B
Description  64K 16 CMOS FLASH MEMORY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29C102P-12B Datasheet(HTML) 6 Page - Winbond

Back Button W29C102P-12B Datasheet HTML 2Page - Winbond W29C102P-12B Datasheet HTML 3Page - Winbond W29C102P-12B Datasheet HTML 4Page - Winbond W29C102P-12B Datasheet HTML 5Page - Winbond W29C102P-12B Datasheet HTML 6Page - Winbond W29C102P-12B Datasheet HTML 7Page - Winbond W29C102P-12B Datasheet HTML 8Page - Winbond W29C102P-12B Datasheet HTML 9Page - Winbond W29C102P-12B Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
W29C102
- 6 -
Command Codes for Software Data Protection
BYTE SEQUENCE
TO ENABLE PROTECTION
TO DISABLE PROTECTION
ADDRESS
DATA
ADDRESS
DATA
0 Write
5555H
AAAAH
5555H
AAAAH
1 Write
2AAAH
5555H
2AAAH
5555H
2 Write
5555H
A0A0H
5555H
8080H
3 Write
-
-
5555H
AAAAH
4 Write
-
-
2AAAH
5555H
5 Write
-
-
5555H
2020H
Software Data Protection Acquisition Flow
Software Data Protection
Enable Flow
Load data AAAA
to
address 5555
Load data 5555
to
address 2AAA
Load data A0A0
to
address 5555
Load data AAAA
to
address 5555
Load data 5555
to
address 2AAA
Load data 8080
to
address 5555
Load data AAAA
to
address 5555
Load data 5555
to
address 2AAA
Load data 2020
to
address 5555
Software Data Protection
Disable Flow
Sequentially load
up to 128 words
of page data
Pause 10 mS
Exit
Pause 10 mS
Exit
(Optional page-load
operation)
Notes for software program code:
Data Format: DQ15
−DQ0 (Hex)
Address Format: A14
−A0 (Hex)


Similar Part No. - W29C102P-12B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011A-15 WINBOND-W29C011A-15 Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011AP-15 WINBOND-W29C011AP-15 Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C011AS-15 WINBOND-W29C011AS-15 Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
   256K X 8 CMOS FLASH MEMORY
More results

Similar Description - W29C102P-12B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29F102 WINBOND-W29F102 Datasheet
256Kb / 21P
   64K 16 CMOS FLASH MEMORY
W49F102 WINBOND-W49F102 Datasheet
277Kb / 21P
   64K X 16 CMOS FLASH MEMORY
W49L102 WINBOND-W49L102 Datasheet
252Kb / 21P
   64K X 16 CMOS 3.3V FLASH MEMORY
W29EE512 WINBOND-W29EE512 Datasheet
153Kb / 22P
   64K X 8 CMOS FLASH MEMORY
logo
Intel Corporation
AN28F512 INTEL-AN28F512 Datasheet
1Mb / 24P
   512K (64K x 8) CMOS FLASH MEMORY
logo
ATMEL Corporation
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
   1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
logo
Winbond
W49F201 WINBOND-W49F201 Datasheet
267Kb / 23P
   128K X 16 CMOS FLASH MEMORY
logo
Freescale Semiconductor...
FTS64K FREESCALE-FTS64K Datasheet
549Kb / 44P
   64k bytes of Flash memory
logo
Winbond
W39L512 WINBOND-W39L512 Datasheet
304Kb / 25P
   64K 8 COMS FLASH MEMORY
logo
ATMEL Corporation
AT29C512 ATMEL-AT29C512 Datasheet
692Kb / 12P
   512K 64K x 8 5-volt Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com