Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR10KT2L.25XX Datasheet(PDF) 2 Page - Bi technologies

Part # AR10KT2L.25XX
Description  1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

AR10KT2L.25XX Datasheet(HTML) 2 Page - Bi technologies

  AR10KT2L.25XX Datasheet HTML 1Page - Bi technologies AR10KT2L.25XX Datasheet HTML 2Page - Bi technologies AR10KT2L.25XX Datasheet HTML 3Page - Bi technologies AR10KT2L.25XX Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Theoretical
Total
Resolution
Tempco
Resistance
(% Nominal)
of Wire
10
0.082
+800 ppm/°C *
25
0.040
+800 ppm/°C *
50
0.031
+800 ppm/°C *
100
0.040
±20 ppm/°C
200
0.031
±20 ppm/°C
500
0.024
±20 ppm/°C
1K
0.021
±20 ppm/°C
2K
0.016
±20 ppm/°C
5K
0.014
+130 ppm/°C *
10K
0.011
+130 ppm/°C *
20K
0.009
+130 ppm/°C *
50K
0.007
+130 ppm/°C *
100K
0.006
±20 ppm/°C
200K
0.005
±20 ppm/°C
300K
0.005
±20 ppm/°C
500K
0.005
±20 ppm/°C
2-6
Model A
MECHANICAL
Total Mechanical Travel
3600° + 4° – 0°
Number of Gangs, Maximum
3
Weight, Nominal (Single Gang)
4.4 oz.
Static Stop Strength
550 oz.-in.
Backlash, Maximum
Panel Nut Tightening Torque, Maximum
25 lb.-in.
Shaft End Play, Maximum
.005”
Shaft Runout, T.I.R., Maximum
.0005”
Pilot Diameter Runout, T.I.R., Maximum
.002”
Lateral Runout, T.I.R., Maximum
.003”
Shaft Radial Play, Maximum
.003”
Start/Run Torque, Maximum (per gang)
3.0 oz.-in.
STANDARD RESISTANCE VALUES, OHMS
* Lower tempco available as a special model.


Similar Part No. - AR10KT2L.25XX

ManufacturerPart #DatasheetDescription
logo
Bi technologies
AR10KT2L25 BITECH-AR10KT2L25 Datasheet
104Kb / 4P
   Precision Potentiometer
More results

Similar Description - AR10KT2L.25XX

ManufacturerPart #DatasheetDescription
logo
Bi technologies
7601 BITECH-7601 Datasheet
64Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
7600 BITECH-7600 Datasheet
63Kb / 4P
   1-13/16 Diameter 10-Turn Wirewound Precision Potentiometer
9301 BITECH-9301 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
9300 BITECH-9300 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
logo
List of Unclassifed Man...
5311 ETC2-5311 Datasheet
76Kb / 3P
   1-5/16 Diameter Single Turn Wirewound Precision Potentiometer
logo
Bi technologies
7280 BITECH-7280 Datasheet
77Kb / 5P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
7281 BITECH-7281 Datasheet
345Kb / 4P
   7/8 Diameter 10-Turn Wirewound Precision Potentiometer
logo
Vishay Siliconix
860 VISHAY-860 Datasheet
158Kb / 4P
   1 - 13/16” (46mm) Three and Ten Turn Wirewound Precision Potentiometer
Revision 16-Jul-03
logo
List of Unclassifed Man...
7274 ETC1-7274 Datasheet
65Kb / 4P
   7/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer
logo
Bi technologies
5610 BITECH-5610 Datasheet
102Kb / 4P
   2 Diameter Single Turn Wirewound Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com