Selected language     English  ▼


TDA4860 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. TDA4860
Description  Vertical deflection power amplifier for monitors
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 3 page
background image
1997 Oct 27
3
Philips Semiconductors
Product specification
Vertical deflection power amplifier for
monitors
TDA4860
BLOCK DIAGRAM
Fig.1
Block diagram and application circuit with flyback supply voltage VP3 from an external source.
Deflection frequency range from 50 Hz to 100 Hz.
Assumed values:
Iyoke = 1.42 A.
Ryoke = 4.17 Ω +7%+ ∆R(T) = 6.12 Ω.
Lyoke = 5.25 mH.
R1 = 1.0 Ω±1%.
Tamb =65 °C.
Tj(max) = 105 °C.
Tyoke =75 °C.
Pyoke = 1.2 W.
PIC = 1.8 W.
Ptot = 3.0 W.
tp FLB = typically 250 µs.
Attention: the heatsink of the IC must be isolated against ground; the cooling fin is connected to pin 6.
handbook, full pagewidth
MHA591
yoke
470
µF
0.1
µF
470
µF
470
µF
1 M
150 k
270
4.3
10 k
1.8 k
BAX13
−8.1 V
+52 V
R1
1
1.8 k
5.6
VP2
VP3
8
7
6
5
4
3
2
1
9
PCO
RPCO
VN
VP1
V-OUT
SUB
FLB
DIFFERENTIAL
INPUT
AMPLIFIER
VOLTAGE
STABILIZER
VERTICAL
DRIVER
from TDA4850
V-shift
+8.8 V
VERTICAL
OUTPUT
TDA4860
THERMAL AND
SOAR
PROTECTION
FLYBACK
GENERATOR
FLYBACK
DRIVER
PULSE
CIRCUIT




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4861Vertical deflection power amplifier for monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7135Integrated Circuit Vertical Deflection Power Amplifier for Monitors 1 2 3 4 NTE Electronics
NTE7136Integrated Circuit Vertical Deflection Power Amplifier for Monitors 1 2 3 4 NTE Electronics
STV9383Class-D Vertical Deflection Amplifier for 2.0 Amp TV and Monitor Applications 1 2 3 4 5 MoreSTMicroelectronics
2SB689LOW FREQUENCY POWER AMPLIFIER TV VERTICAL DEFLECTION OUTPUT 1 List of Unclassifed Manufacturers
TA8432KPOWER AMPLIFIER FOR DRIVING A DEFLECTION CIRCUIT OF A COLOR TELEVISION 1 2 3 4 5 MoreToshiba Semiconductor
TDA4850Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors 1 2 3 4 5 MoreNXP Semiconductors
TA8445KPOWER AMPLIFIER FOR DRIVING A DEFLECTION CIRCUIT OF A COLOR TELEVISION 1 2 3 4 5 MoreToshiba Semiconductor
TDA4851Horizontal and vertical deflection controller for VGA/XGA and autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4852Horizontal and vertical deflection controller for autosync monitors 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl