Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCL45 Datasheet(PDF) 2 Page - Bi technologies

Part # BCL45
Description  1812 Industry Size Surface Mount Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BCL45 Datasheet(HTML) 2 Page - Bi technologies

  BCL45 Datasheet HTML 1Page - Bi technologies BCL45 Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2006 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
73
Outline Dimensions (Inch/mm)
Ordering Information
BCL453232-271K
270
K
40
0.796
4.0
12.0
92
BCL453232-331K
330
K
40
0.796
3.5
14.0
85
BCL453232-391K
390
K
40
0.796
3.0
16.0
80
BCL453232-471K
470
K
40
0.796
3.0
26.0
62
BCL453232-561K
560
K
30
0.796
3.0
30.0
50
BCL453232-681K
680
K
30
0.796
3.0
30.0
50
BCL453232-821K
820
K
30
0.796
2.5
35.0
30
BCL453232-102K
1,000
K
30
0.252
2.5
40.0
30
Specifications (Cont’d)
Test
DC
Rated
Part
Inductance
Frequency
SRF
Resistance
Current
Number
µH
Tolerance
Q Min.
MHz
MHz Min.
Max
IDC mA
Inductance Code:
First 2 digits are
significant. Last digit
denotes the number of
trailing zeros. For values
below 10µH, ‘R’ denotes
the decimal point
Model Series
BCL 453232
330
K
LF
Inductance Tolerance
J = 5%
K = 10%
M = 20%
Lead-Free Option
LF = Lead- Free
(No code used for
non lead-free part)
Packaging
Standard: Embossed Tape & Reel
Reel: Diameter: = 7” (177.8mm)
Capacity: =
500 Units


Similar Part No. - BCL45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BCL453232 ETC1-BCL453232 Datasheet
237Kb / 2P
   1812 Industry Size Surface Mount Inductors
BCL453232-1R0K ETC1-BCL453232-1R0K Datasheet
237Kb / 2P
   1812 Industry Size Surface Mount Inductors
BCL453232-1R2K ETC1-BCL453232-1R2K Datasheet
237Kb / 2P
   1812 Industry Size Surface Mount Inductors
BCL453232-1R5Kƒ¼ƒ¤ƒ¥ƒ£ƒ¢ƒ ETC1-BCL453232-1R5Kƒ¼ƒ¤ƒ¥ƒ£ƒ¢ƒ Datasheet
237Kb / 2P
   1812 Industry Size Surface Mount Inductors
BCL453232-R10M ETC1-BCL453232-R10M Datasheet
237Kb / 2P
   1812 Industry Size Surface Mount Inductors
More results

Similar Description - BCL45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BCL453232 ETC1-BCL453232 Datasheet
237Kb / 2P
   1812 Industry Size Surface Mount Inductors
logo
Bi technologies
BCL322522 BITECH-BCL322522 Datasheet
224Kb / 2P
   1210 Industry Size Surface Mount Inductors
BCL565050 BITECH-BCL565050 Datasheet
224Kb / 2P
   2220 Industry Size Surface Mount Inductors
BMB1812A121ETLF BITECH-BMB1812A121ETLF Datasheet
248Kb / 2P
   Surface Mount Multilayer Chip Beads, 0402 - 1812 Industry Sizes
logo
List of Unclassifed Man...
BMB0402A-600 ETC1-BMB0402A-600 Datasheet
156Kb / 14P
   Surface Mount Multilayer Chip Beads 0402 -1812 Industry Sizes
logo
RFE international
IW4532R10M RFE-IW4532R10M Datasheet
71Kb / 1P
   SURFACE MOUNT INDUCTORS IW4532 Series: 1812 Wirewound
logo
Bi technologies
BMB1812P1A121ETLF BITECH-BMB1812P1A121ETLF Datasheet
218Kb / 1P
   High Current Surface Mount Multilayer Chip Beads, 0603 - 1812 Industry Sizes
logo
List of Unclassifed Man...
BMB0603-P1A-600 ETC1-BMB0603-P1A-600 Datasheet
218Kb / 1P
   High Current Surface Mount Multilayer Chip Beads, 0603 - 1812 Industry Sizes
logo
Bi technologies
BML BITECH-BML Datasheet
266Kb / 3P
   Surface Mount Multilayer Ferrite Chip Inductors, 0603 - 1206 Industry Sizes
logo
API Delevan
4302R API-4302R Datasheet
1Mb / 1P
   Temperature Stable (1008 size) Surface Mount Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com