Selected language     English  ▼


TDA4861 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. TDA4861
Description  Vertical deflection power amplifier for monitors
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 5 page
background image
1997 Jan 20
5
Philips Semiconductors
Product specification
Vertical deflection power amplifier for
monitors
TDA4861
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); voltages referenced to substrate (pin 6);
unless otherwise specified.
Notes
1. Internally limited by thermal protection; switching temperature point at 160
±8 °C.
2. Equivalent to discharging a 200 pF capacitor through a 0
Ω series resistor.
THERMAL CHARACTERISTICS
The heatsink can be estimated according to application circuit (see Fig.1):
.
A heatsink is needed at Rth j-mb < 5 K/W and Rth mb-h = 0.5 K/W (using silicon grease) with
Rth h-a = 22.2 K/W − (5 + 0.5) K/W = 16.7 K/W.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP1
supply voltage (pin 1)
40
V
VP2
supply voltage (pin 4)
60
V
VP3
supply voltage (pin 8)
60
V
V2,3,9
voltage on pins 2, 3 and 9
VP1
V
V5,7
voltage on pins 5 and 7
60
V
I4
current on pin 4
1A
I5 (M)
output current on pin 5 (peak value)
note 1
−±1.5
A
I7 (M)
flyback current on pin 7 (peak value)
−±1.5
A
I9
current on pin 9
−−8mA
Tstg
storage temperature
−25
+150
°C
Tamb
operating ambient temperature
−20
+75
°C
Tj
junction temperature
note 1
168
°C
Ves
electrostatic handling for all pins
note 2
−±300
V
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-mb
thermal resistance from junction to mounting base
5
K/W
R
th j-a
R
th j-mb
R
th mb-h
R
th h-a
++
T
j(max)
T
amb
P
IC(max)
-----------------------------------
105
°C65 °C
1.8 W
-----------------------------------------
22.2 K/W
==
=
=




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4860Vertical deflection power amplifier for monitors 1 2 3 4 5 MoreNXP Semiconductors
NTE7135Integrated Circuit Vertical Deflection Power Amplifier for Monitors 1 2 3 4 NTE Electronics
NTE7136Integrated Circuit Vertical Deflection Power Amplifier for Monitors 1 2 3 4 NTE Electronics
STV9383Class-D Vertical Deflection Amplifier for 2.0 Amp TV and Monitor Applications 1 2 3 4 5 MoreSTMicroelectronics
2SB689LOW FREQUENCY POWER AMPLIFIER TV VERTICAL DEFLECTION OUTPUT 1 List of Unclassifed Manufacturers
TA8432KPOWER AMPLIFIER FOR DRIVING A DEFLECTION CIRCUIT OF A COLOR TELEVISION 1 2 3 4 5 MoreToshiba Semiconductor
TDA4850Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors 1 2 3 4 5 MoreNXP Semiconductors
TA8445KPOWER AMPLIFIER FOR DRIVING A DEFLECTION CIRCUIT OF A COLOR TELEVISION 1 2 3 4 5 MoreToshiba Semiconductor
TDA4851Horizontal and vertical deflection controller for VGA/XGA and autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
TDA4852Horizontal and vertical deflection controller for autosync monitors 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl