Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4861 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA4861
Description  Vertical deflection power amplifier for monitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4861 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA4861 Datasheet HTML 4Page - NXP Semiconductors TDA4861 Datasheet HTML 5Page - NXP Semiconductors TDA4861 Datasheet HTML 6Page - NXP Semiconductors TDA4861 Datasheet HTML 7Page - NXP Semiconductors TDA4861 Datasheet HTML 8Page - NXP Semiconductors TDA4861 Datasheet HTML 9Page - NXP Semiconductors TDA4861 Datasheet HTML 10Page - NXP Semiconductors TDA4861 Datasheet HTML 11Page - NXP Semiconductors TDA4861 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
1997 Jan 20
10
Philips Semiconductors
Product specification
Vertical deflection power amplifier for
monitors
TDA4861
PACKAGE OUTLINE
UNIT
A
b
max.
bp
2
cD(1)
E(1)
Z (1)
de
Dh
L
j
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
4.6
4.2
1.1
0.75
0.60
0.48
0.38
24.0
23.6
20.0
19.6
10
2.54
12.2
11.8
3.4
3.1
A
max.
1
2.0
Eh
6
2.00
1.45
2.1
1.8
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
17.2
16.5
SOT131-2
92-11-17
95-03-11
0
5
10 mm
scale
Q
0.25
w
0.03
x
D
L
A
E
c
A 2
Q
w M
b p
d
D
Z
e
x
h
19
Eh
non-concave
1
b
j
SIL9P: plastic single in-line power package; 9 leads
SOT131-2
view B: mounting base side
B


Similar Part No. - TDA4861

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4860 PHILIPS-TDA4860 Datasheet
93Kb / 12P
   Vertical deflection power amplifier for monitors
1997 Oct 27
logo
Siemens Semiconductor G...
TDA4862 SIEMENS-TDA4862 Datasheet
194Kb / 17P
   Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
logo
Infineon Technologies A...
TDA4862 INFINEON-TDA4862 Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
logo
Siemens Semiconductor G...
TDA4862G SIEMENS-TDA4862G Datasheet
194Kb / 17P
   Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
logo
Infineon Technologies A...
TDA4862G INFINEON-TDA4862G Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
More results

Similar Description - TDA4861

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4860 PHILIPS-TDA4860 Datasheet
93Kb / 12P
   Vertical deflection power amplifier for monitors
1997 Oct 27
logo
NTE Electronics
NTE7135 NTE-NTE7135 Datasheet
26Kb / 4P
   Integrated Circuit Vertical Deflection Power Amplifier for Monitors
NTE7136 NTE-NTE7136 Datasheet
26Kb / 4P
   Integrated Circuit Vertical Deflection Power Amplifier for Monitors
logo
NXP Semiconductors
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
Samsung semiconductor
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com