Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4861 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA4861
Description  Vertical deflection power amplifier for monitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4861 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA4861 Datasheet HTML 1Page - NXP Semiconductors TDA4861 Datasheet HTML 2Page - NXP Semiconductors TDA4861 Datasheet HTML 3Page - NXP Semiconductors TDA4861 Datasheet HTML 4Page - NXP Semiconductors TDA4861 Datasheet HTML 5Page - NXP Semiconductors TDA4861 Datasheet HTML 6Page - NXP Semiconductors TDA4861 Datasheet HTML 7Page - NXP Semiconductors TDA4861 Datasheet HTML 8Page - NXP Semiconductors TDA4861 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1997 Jan 20
3
Philips Semiconductors
Product specification
Vertical deflection power amplifier for
monitors
TDA4861
BLOCK DIAGRAM
Fig.1
Block diagram and application circuit with flyback supply voltage VP3 from an external source.
Deflection frequency range from 50 to 100 Hz.
Assumed values:
Iyoke = 1.42 A.
Ryoke = 4.17 Ω +7%+ ∆R(T) = 6.12 Ω.
Lyoke = 5.25 mH.
R1 = 1.0 Ω±1%.
Tamb =65 °C.
Tj(max) = 105 °C.
Tyoke =75 °C.
Pyoke = 1.2 W.
PIC = 1.8 W.
Ptot = 3.0 W.
tpFLB = typically 250 µs.
Attention: the heatsink of the IC must be isolated against ground (it is connected to pin 6).
handbook, full pagewidth
MHA612
yoke
470
µF
0.1
µF
470
µF
470
µF
1 M
150 k
270
4.3
10 k
1.8 k
BAX13
−8.1 V
+52 V
R1
1
1.8 k
5.6
VP2
VP3
8
7
6
5
4
3
2
1
9
PCO
RPCO
VN
VP1
V-OUT
SUB
FLB
DIFFERENTIAL
INPUT
AMPLIFIER
VOLTAGE
STABILIZER
VERTICAL
DRIVER
from TDA4850
V-shift
+8.8 V
VERTICAL
OUTPUT
TDA4861
THERMAL AND
SOAR
PROTECTION
FLYBACK
GENERATOR
FLYBACK
DRIVER
PULSE
CIRCUIT


Similar Part No. - TDA4861

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4860 PHILIPS-TDA4860 Datasheet
93Kb / 12P
   Vertical deflection power amplifier for monitors
1997 Oct 27
logo
Siemens Semiconductor G...
TDA4862 SIEMENS-TDA4862 Datasheet
194Kb / 17P
   Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
logo
Infineon Technologies A...
TDA4862 INFINEON-TDA4862 Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
logo
Siemens Semiconductor G...
TDA4862G SIEMENS-TDA4862G Datasheet
194Kb / 17P
   Power-Factor Controller PFC IC for High Power Factor and Active Harmonic Filter
logo
Infineon Technologies A...
TDA4862G INFINEON-TDA4862G Datasheet
1Mb / 18P
   Power-Factor Controller (PFC) IC for High Power Factor and Active Harmonic Filter
2005-02-17
More results

Similar Description - TDA4861

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4860 PHILIPS-TDA4860 Datasheet
93Kb / 12P
   Vertical deflection power amplifier for monitors
1997 Oct 27
logo
NTE Electronics
NTE7135 NTE-NTE7135 Datasheet
26Kb / 4P
   Integrated Circuit Vertical Deflection Power Amplifier for Monitors
NTE7136 NTE-NTE7136 Datasheet
26Kb / 4P
   Integrated Circuit Vertical Deflection Power Amplifier for Monitors
logo
NXP Semiconductors
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
   TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
logo
Samsung semiconductor
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
STMicroelectronics
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
logo
Samsung semiconductor
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com