Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCS8R001F Datasheet(PDF) 1 Page - Bi technologies

Part # BCS8R001F
Description  8W CURRENT DETECT CHIP RESISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BCS8R001F Datasheet(HTML) 1 Page - Bi technologies

  BCS8R001F Datasheet HTML 1Page - Bi technologies BCS8R001F Datasheet HTML 2Page - Bi technologies BCS8R001F Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Marking
Marking is done by 3 digits resistance
value notation and tolerance code F (1%).
8W CURRENT DETECT CHIP RESISTORS
Features………………………………………………………….
Non inductive design.
Low TCR, typically less than 30ppm/
°C.
Low profile surface mount package.
Excellent pulse/surge performance.
8W power rating.
Applications………………………………………………………
Current sense applications
Over current protection in Battery chargers.
Servo motor control circuits.
DC-DC, DC-AC and intelligent power modules.
Industrial PC modules (IPM) and precision measurement systems.
Current detection circuits in high-speed CPU peripherals.
Specification
Specification
BCS8
Remarks
Resistance values
0.5m, 1m, 2m, 3m, 4m, 5m , 10m
TCR
+/-50ppm/
°C
Measured +/- 30ppm/
°C
Tolerance
+/-1.0% (F), +/-5.0% (J)
Power Rating
8W
Attached to70 micron PCB
Current Rating
90A
At 1m
Maximum Current
126A
2.5 seconds one time
Series Inductance
5nH
Operating Temp.
-55 C to 175
°C
Storage Temp.
-55 C to 175
° C
Specifications
Conditions
Short Time Overload
∆R+/-(0.5%+0.5mΩ)
maximum current, 2.5seconds.
Low Temperature Storage
∆R +/-(0.5%+0.5mΩ)
-55C, 24hours
High Temperature Storage
∆R +/-(1.0%+0.5mΩ)
+175C, 1000hours
Heat Shock
∆R +/-(0.5%+0.5mΩ)
-55C to +125C, 20min. interval, 5min. 5cycles
Vibration
∆R +/-(0.5%+0.5mΩ)
10-2000Hz, 1.5mm/20gr, 2hours
Soldering Heat
∆R +/-(0.25%+0.5mΩ)
260
°C+/-5°C, 10+/-1 seconds.
Solderability
90%/terminal surface
Humidity
∆R +/-(0.5%+0.1mΩ)
85
°C, 85%RH, dc0.1W, 1000 hours
Load Life
∆R +/-(0.5%+0.1mΩ)
25
°C, dc rated power, 90min ON, 30min OFF, 1000hours
Specifications subject to change without notice.
1
Dimensions (mm)
A
DD
Type
BCS8 (mm)
A
12.8+/-0.5
B
6.4max
C
2.5max
D
1.3
R001F


Similar Part No. - BCS8R001F

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
BCS XPPOWER-BCS Datasheet
666Kb / 4P
   DC Standby System
logo
Samtec, Inc
BCS-108-L-D-HE SAMTEC-BCS-108-L-D-HE Datasheet
861Kb / 1P
   TIGER CLAW PASS-THROUGH SOCKET
BCS-110-L-S-DE SAMTEC-BCS-110-L-S-DE Datasheet
861Kb / 1P
   TIGER CLAW PASS-THROUGH SOCKET
BCS-110-L-S-HE SAMTEC-BCS-110-L-S-HE Datasheet
861Kb / 1P
   TIGER CLAW PASS-THROUGH SOCKET
BCS-112-L-D-PE SAMTEC-BCS-112-L-D-PE Datasheet
861Kb / 1P
   TIGER CLAW PASS-THROUGH SOCKET
More results

Similar Description - BCS8R001F

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SL2TTE KOA-SL2TTE Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSR NIC-NCSR Datasheet
484Kb / 5P
   Current Sensing Chip Resistors
logo
List of Unclassifed Man...
TS-16949 ETC2-TS-16949 Datasheet
613Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSS NIC-NCSS Datasheet
92Kb / 6P
   Current Sensing Chip Resistors
logo
Bourns Electronic Solut...
CRF0805 BOURNS-CRF0805 Datasheet
265Kb / 1P
   Current Sensing Chip Resistors
logo
KOA Speer Electronics, ...
TSL1TTE KOA-TSL1TTE Datasheet
98Kb / 6P
   Current Detecting Chip Resistors
logo
NIC-Components Corp.
NCSP NIC-NCSP Datasheet
119Kb / 2P
   Current Sensing Chip Resistors
NCST NIC-NCST Datasheet
176Kb / 6P
   Current Sensing Chip Resistors
logo
American Accurate Compo...
CRL10R020JNM AAC-CRL10R020JNM_17 Datasheet
269Kb / 1P
   CURRENT SENSING CHIP RESISTORS
CTL05R015FJM AAC-CTL05R015FJM_17 Datasheet
555Kb / 2P
   PRECISION CURRENT SENSING CHIP RESISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com