Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABX0027B Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABX0027B
Description  Ultra Low Current XO 10 MHz to 52 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABX0027B Datasheet(HTML) 1 Page - Abracon Corporation

  ABX0027B Datasheet HTML 1Page - Abracon Corporation ABX0027B Datasheet HTML 2Page - Abracon Corporation ABX0027B Datasheet HTML 3Page - Abracon Corporation ABX0027B Datasheet HTML 4Page - Abracon Corporation ABX0027B Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ABX0027B
Ultra Low Current XO 10 MHz to 52 MHz
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 06/23/06 Page 1
FEATURES
• Low phase noise (-145 dBc @ 10kHz offset).
• CMOS output with OE tri-state control.
• Ultra Low current consumption ( <2mA, at
27MHz, 3.3V)
• 10 to 52MHz fundamental or 3rd OT crystal input.
• 12mA drive capability at TTL output.
• Low jitter (RMS): 2.5ps period jitter.
• 1.8V, 2.5V and 3.3V DC operation.
• Available in 6 pin SOT-23
DESCRIPTION
The ABX0027B form a low cost family of XO IC’s,
designed to consume the lowest current on the mar-
ket for the 10MHz to 52MHz range. It accepts fun-
damental resonant mode crystal input from 10 to
52MHz. Providing less than -145 dBc at 10kHz offset
at 30MHz and with a very low jitter (2.5 ps RMS pe-
riod jitter) makes this chip ideal for applications re-
quiring low current frequency sources.
BLOCK DIAGRAM
PIN ASSIGNMENT (PACKAGE)
SOT-23
1
2
3
4
5
6
GND
CLK
XOUT
XIN/FIN
OE^
VDD
XT AL
OS C
XIN /F IN
XO U T
CL K
OE
OS C S E L


Similar Part No. - ABX0027B

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABX0027F ABRACON-ABX0027F Datasheet
54Kb / 4P
   Low Power 5 Output XO 10MHz to 52MHz
ABX0027FSC ABRACON-ABX0027FSC Datasheet
54Kb / 4P
   Low Power 5 Output XO 10MHz to 52MHz
ABX0027FSC-T ABRACON-ABX0027FSC-T Datasheet
54Kb / 4P
   Low Power 5 Output XO 10MHz to 52MHz
ABX0027M ABRACON-ABX0027M Datasheet
54Kb / 4P
   Dual XO with 4 CMOS Outputs 10MHz to 52MHz
ABX0027MSC ABRACON-ABX0027MSC Datasheet
54Kb / 4P
   Dual XO with 4 CMOS Outputs 10MHz to 52MHz
More results

Similar Description - ABX0027B

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL600-27-37 PLL-PLL600-27-37 Datasheet
185Kb / 5P
   Ultra Low Current XO 10 MHz to 52 MHz
PLL600-27B PLL-PLL600-27B Datasheet
203Kb / 5P
   Ultra Low Current XO 10 MHz to 52 MHz
logo
Silicon Laboratories
SI534 SILABS-SI534 Datasheet
197Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI530 SILABS-SI530 Datasheet
183Kb / 10P
   CRYSTAL OSCILLATOR (XO) (10 MHZ TO 1.4 GHZ)
SI532 SILABS-SI532 Datasheet
173Kb / 10P
   DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
logo
List of Unclassifed Man...
591BD-DDG ETC2-591BD-DDG Datasheet
121Kb / 12P
   1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
logo
Skyworks Solutions Inc.
SI590 SKYWORKS-SI590 Datasheet
521Kb / 16P
   1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
Rev. 1.2
SI540 SKYWORKS-SI540 Datasheet
1Mb / 20P
   Ultra Low Jitter Any-Frequency XO (125 fs), 0.2 to 1500 MHz
Revision 206609A May, 2023
SI545 SKYWORKS-SI545 Datasheet
923Kb / 21P
   Ultra Low Jitter Any-Frequency XO (80 fs), 0.2 to 1500 MHz
Revision 206613A May, 2023
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
   10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com