Selected language     English  ▼


TDA4863J Datasheet(PDF) 8 Page - NXP Semiconductors

Part No. TDA4863J
Description  Vertical deflection booster
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 8 page
background image
2000 Aug 17
8
Philips Semiconductors
Product specification
Vertical deflection booster
TDA4863J; TDA4863AJ
CHARACTERISTICS
VP1 =25V; V4 =0V; Tamb =25 °C; voltages referenced to ground (pin 4); unless otherwise specified.
Note
1. Deviation of the output slope at a constant input slope.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VP1
supply voltage 1 (pin 1)
9
30
V
VP2
supply voltage 2 (pin 3)
VP1 − 1
60
V
VFB
flyback supply voltage of TDA4863J
(pin 2)
VP1 − 1
60
V
VP3
flyback generator output voltage of
TDA4863AJ (pin 2)
I5 = −1.5 A
0
VP1 + 2.2 V
IP1
supply current 1 (pin 1)
during scan
610
mA
IP2
quiescent supply current 2 (pin 3)
I5 =0
25
60
mA
Differential input stage
VINP
input voltage (pin 7)
1.6
VP1 − 0.5 V
VINN
input voltage (pin 6)
1.6
VP1 − 0.5 V
IINP
input quiescent current (pin 7)
−−100
−500
nA
IINN
input quiescent current (pin 6)
−−100
−500
nA
Flyback generator
I2
current during flyback
−−±1.5
A
V3-2
voltage drop during flyback of
TDA4863J
reverse
I5 = −1A
−−1.5
V
I5 = −1.5 A
−−2
V
forward
I5 =1A
2.2
V
I5 = 1.5 A
2.5
V
V2-1
voltage drop during flyback of
TDA4863AJ
reverse
I5 = −1A
−−1.5
V
I5 = −1.5 A
−−2
V
forward
I5 =1A
2.2
V
I5 = 1.5 A
2.5
V
Vertical output stage; see Fig.5
I5
vertical deflection output current
−−±1.5
A
I5(p-p)
vertical deflection output current on
pin 5 (peak-to-peak value)
−−
3A
V5-4
output saturation voltage to ground
I5 =1A
1.4
1.7
V
I5 = 1.5 A
1.8
2.3
V
V5-3
output saturation voltage to VP2
I5 =1A
−2.3
−2
V
I5 = 1.5 A
−2.8
−2.3
V
LIN
non-linearity of output signal
note 1
−−
1%




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STV9325Vertical Deflection Booster for 2.5-APPTV/Monitor Applications with 70-V Flyback Generator 1 2 3 4 5 MoreSTMicroelectronics
NTE7147Integrated Circuit Full Bridge Current Driven Vertical Deflection Booster 1 2 3 4 NTE Electronics
TDA4867JFull bridge current driven vertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA4866Full bridge current driven vertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA4864JVertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
STV9379VERTICAL DEFLECTION BOOSTER 1 2 3 4 5 STMicroelectronics
STV9379AVERTICAL DEFLECTION BOOSTER 1 2 3 4 5 STMicroelectronics
STV9379FVERTICAL DEFLECTION BOOSTER 1 2 3 4 5 STMicroelectronics
STV9326Vertical Deflection Booster for 3-APPTV/Monitor Applications with 60-V Flyback Generator 1 2 3 4 5 MoreSTMicroelectronics
STV9379FAVERTICAL DEFLECTION BOOSTER 1 2 3 4 5 STMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl