Selected language     English  ▼


TDA4863J Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. TDA4863J
Description  Vertical deflection booster
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 2 page
background image
2000 Aug 17
2
Philips Semiconductors
Product specification
Vertical deflection booster
TDA4863J; TDA4863AJ
FEATURES
• Power amplifier with differential inputs
• Output current up to 3 A (p-p)
• High vertical deflection frequency up to 200 Hz
• High linear sawtooth signal amplification
• Flyback generator:
– TDA4863J: separate adjustable flyback supply
voltage up to 60 V
– TDA4863AJ: internally doubled supply voltage
(two supply voltages only for DC-coupled outputs).
GENERAL DESCRIPTION
The TDA4863J and TDA4863AJ are deflection boosters
for use in vertical deflection systems for frame frequencies
up to 200 Hz.
The TDA4863J needs a separate flyback supply voltage,
so the supply voltages are independently adjustable to
optimize power consumption and flyback time.
For the TDA4863AJ the flyback supply voltage will be
generated internally by doubling the supply voltage and
therefore a separate flyback supply voltage is not needed.
Both circuits provide differential input stages and fit well
with the TDA485X monitor deflection controller family.
QUICK REFERENCE DATA
Measurements referenced to ground (pin GND).
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP1
supply voltage 1 (pin 1)
9
30
V
VP2
supply voltage 2 for vertical output
(pin 3)
VP1 − 1
60
V
VFB
flyback supply voltage of TDA4863J
(pin 2)
VP1 − 1
60
V
VP3
flyback generator output voltage of
TDA4863AJ (pin 2)
I5 = −1.5 A
0
VP1 + 2.2 V
I5(p-p)
vertical output current (pin 5)
(peak-to-peak value)
−−
3A
IP1
supply current 1 (pin 1)
during scan
610
mA
IP2
quiescent supply current 2 (pin 3)
I5 =0
25
60
mA
VINP
input voltage (pin 7)
1.6
VP1 − 0.5 V
VINN
input voltage (pin 6)
1.6
VP1 − 0.5 V
Tamb
ambient temperature
−20
+75
°C
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA4863J
DBS7P
plastic DIL-bent-SIL power package; 7 leads
(lead length 12/11 mm); exposed die pad
SOT524-1
TDA4863AJ




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STV9325Vertical Deflection Booster for 2.5-APPTV/Monitor Applications with 70-V Flyback Generator 1 2 3 4 5 MoreSTMicroelectronics
NTE7147Integrated Circuit Full Bridge Current Driven Vertical Deflection Booster 1 2 3 4 NTE Electronics
TDA4867JFull bridge current driven vertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA4866Full bridge current driven vertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA4864JVertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
STV9379VERTICAL DEFLECTION BOOSTER 1 2 3 4 5 STMicroelectronics
STV9379AVERTICAL DEFLECTION BOOSTER 1 2 3 4 5 STMicroelectronics
STV9379FVERTICAL DEFLECTION BOOSTER 1 2 3 4 5 STMicroelectronics
STV9326Vertical Deflection Booster for 3-APPTV/Monitor Applications with 60-V Flyback Generator 1 2 3 4 5 MoreSTMicroelectronics
STV9379FAVERTICAL DEFLECTION BOOSTER 1 2 3 4 5 STMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl