Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABV8069OCL Datasheet(PDF) 8 Page - Abracon Corporation

Part # ABV8069OCL
Description  320-640MHz Low Phase Noise VCXO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABV8069OCL Datasheet(HTML) 8 Page - Abracon Corporation

Back Button ABV8069OCL Datasheet HTML 2Page - Abracon Corporation ABV8069OCL Datasheet HTML 3Page - Abracon Corporation ABV8069OCL Datasheet HTML 4Page - Abracon Corporation ABV8069OCL Datasheet HTML 5Page - Abracon Corporation ABV8069OCL Datasheet HTML 6Page - Abracon Corporation ABV8069OCL Datasheet HTML 7Page - Abracon Corporation ABV8069OCL Datasheet HTML 8Page - Abracon Corporation ABV8069OCL Datasheet HTML 9Page - Abracon Corporation ABV8069OCL Datasheet HTML 10Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
(Preliminary)
ABV8068/69
320-640MHz Low Phase Noise VCXO
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 9/1/05 Page 8
LAYOUT RECOMMENDATIONS
PCB LAYOUT CONSIDERATIONS FOR PERFORMANCE OPTIMIZATION
The following guidelines are to assist you with a performance optimized PCB design:
-
Keep all the PCB traces to ABV80 as short as
possible, as well as keeping all other traces as
far away from it as possible.
-
Place the crystal as close as possible to both
crystal pins of the device. This will reduce the
cross-talk between the crystal and the other
signals.
-
Separate crystal pin traces from the other signals
on the PCB, but allow ample distance between
the two crystal pin traces.
-
Place a 0.01µF~0.1µF decoupling capacitor
between VDD and GND, on the component side
of the PCB, close to the VDD pin. It is not
recommended to place this component on the
backside of the PCB. Going through vias will
reduce the signal integrity, causing additional
jitter and phase noise.
-
It is highly recommended to keep the VDD and
GND traces as short as possible.
-
Please contact Abracon for the application note
on how to design outputs driving long traces or
the Gerber files for the ABV80 layout.
ABV806X
(VCXO)
16-pin TSSOP
ABV806X
(VCXO)
3x3 QFN


Similar Part No. - ABV8069OCL

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABV8037 ABRACON-ABV8037 Datasheet
215Kb / 10P
   38MHz-320MHz Low Phase Noise VCXO
9/1/05
ABV8037OC ABRACON-ABV8037OC Datasheet
215Kb / 10P
   38MHz-320MHz Low Phase Noise VCXO
9/1/05
ABV8037OC-T ABRACON-ABV8037OC-T Datasheet
215Kb / 10P
   38MHz-320MHz Low Phase Noise VCXO
9/1/05
ABV8037OCL ABRACON-ABV8037OCL Datasheet
215Kb / 10P
   38MHz-320MHz Low Phase Noise VCXO
9/1/05
ABV8037OCL-T ABRACON-ABV8037OCL-T Datasheet
215Kb / 10P
   38MHz-320MHz Low Phase Noise VCXO
9/1/05
More results

Similar Description - ABV8069OCL

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL580-68 PLL-PL580-68 Datasheet
281Kb / 10P
   320-640MHz Low Phase Noise VCXO
PL580-30 PLL-PL580-30 Datasheet
251Kb / 9P
   38MHz-640MHz Low Phase Noise VCXO
PL680-37 PLL-PL680-37 Datasheet
300Kb / 10P
   38-640MHz Low Phase Noise XO
logo
Abracon Corporation
ABX8037 ABRACON-ABX8037 Datasheet
214Kb / 10P
   38-640MHz Low Phase Noise XO
9/1/05
logo
Crystek Corporation
CVHD-957 CRYSTEKCRYSTAL-CVHD-957 Datasheet
233Kb / 2P
   Ultra-Low Phase Noise VCXO
logo
Integrated Circuit Syst...
MK2732-05 ICST-MK2732-05 Datasheet
43Kb / 4P
   Low Phase Noise VCXOMultiplier
MK2732-06 ICST-MK2732-06 Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
logo
PhaseLink Corporation
PL580-37 PLL-PL580-37 Datasheet
303Kb / 10P
   38MHz-320MHz Low Phase Noise VCXO
PLL520-88-89 PLL-PLL520-88-89 Datasheet
216Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
PLL520-80 PLL-PLL520-80 Datasheet
226Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com