Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABX0237QC Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABX0237QC
Description  750kHz - 800MHz Low Phase Noise Multiplier XO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABX0237QC Datasheet(HTML) 1 Page - Abracon Corporation

  ABX0237QC Datasheet HTML 1Page - Abracon Corporation ABX0237QC Datasheet HTML 2Page - Abracon Corporation ABX0237QC Datasheet HTML 3Page - Abracon Corporation ABX0237QC Datasheet HTML 4Page - Abracon Corporation ABX0237QC Datasheet HTML 5Page - Abracon Corporation ABX0237QC Datasheet HTML 6Page - Abracon Corporation ABX0237QC Datasheet HTML 7Page - Abracon Corporation ABX0237QC Datasheet HTML 8Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ABX0235/37/38/39
750kHz – 800MHz Low Phase Noise Multiplier XO
Universal Low Phase Noise IC’s
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/21/05 Page 1
FEATURES
• Selectable 750kHz to 800MHz range.
• Low phase noise output (@ 10kHz frequency
offset, -140dBc/Hz for 19.44MHz, -127dBc/Hz for
106.25MHz, -125dBc/Hz for 155.52MHz, -
110dBc/Hz for 622.08MHz).
• CMOS (ABX0237), PECL (ABX0235 and
ABX0238) or LVDS (ABX0239) output.
• 12 to 25MHz crystal input.
• No external load capacitor required.
• Output Enable selector.
• Selectable 1/16 to 32x frequency multiplier.
• 3.3V operation.
• Available in 16-Pin (TSSOP or 3x3mm QFN).
DESCRIPTION
The ABX0235 (PECL with inverted OE), ABX0237
(CMOS), ABX0238 (PECL), and ABX0239 (LVDS)
are high performance and low phase noise XO IC
chips. They provide phase noise performance as low
as –125dBc at 1kHz offset (at 155MHz) and a typical
RMS jitter of 4pS RMS ( at 155MHz ). They accept
fundamental parallel resonant mode crystals from 12
to 25MHz.
BLOCK DIAGRAM
PIN CONFIGURATION
(Top View)
^: Internal pull-up
*: On 3x3 package, ABX0235/38 do not have SEL0 available: Pin 10
is VDD, pin 11 is GND. However, ABX0237/39 have SEL0 (pin
10), and pin 11 is VDD. See pin assignment table for details.
OUTPUT ENABLE LOGICAL LEVELS
Part #
OE
State
0 (Default)
Output enabled
ABX0238
1
Tri-state
0
Tri-state
ABX0235
ABX0237
ABX0239
1 (Default)
Output enabled
OE input: Logical states defined by PECL levels for ABX0238
Logical states defined by CMOS levels for
ABX0235/37/39
1
2
3
4
5
6
7
8
VDD
9
10
11
12
13
14
15
16
XIN
XOUT
SEL3^
SEL2^
OE
GND
GND
SEL0^
SEL1^
GND
CLKC
VDD
CLKT
GND
GND
ABX023x
GND
VDD
CLKT
CLKC
12
3
4
12
11
10
9
13
14
15
16
8
7
6
5
SEL3^
XOUT
SEL2^
OE
XIN
XOUT
OE
Q
Q
PLL by-pass
SEL
PLL
(Phase
Locked
Loop)
Oscillator
Amplifier


Similar Part No. - ABX0237QC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABX0201 ABRACON-ABX0201 Datasheet
54Kb / 4P
   Low Phase Noise XO (24MHz to 50MHz)
ABX0201HOC ABRACON-ABX0201HOC Datasheet
54Kb / 4P
   Low Phase Noise XO (24MHz to 50MHz)
ABX0201HOC-T ABRACON-ABX0201HOC-T Datasheet
54Kb / 4P
   Low Phase Noise XO (24MHz to 50MHz)
ABX0201HSC ABRACON-ABX0201HSC Datasheet
54Kb / 4P
   Low Phase Noise XO (24MHz to 50MHz)
ABX0201HSC-T ABRACON-ABX0201HSC-T Datasheet
54Kb / 4P
   Low Phase Noise XO (24MHz to 50MHz)
More results

Similar Description - ABX0237QC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL602-35 PLL-PLL602-35 Datasheet
287Kb / 8P
   750kHz -800MHz Low Phase Noise Multiplier XO
logo
Micrel Semiconductor
PL602-35 MICREL-PL602-35 Datasheet
473Kb / 10P
   750kHz ??800MHz Low Phase Noise Multiplier XO
PL502-35 MICREL-PL502-35 Datasheet
498Kb / 10P
   750kHz ??800MHz Low Phase Noise Multiplier VCXO
logo
Abracon Corporation
ABV0235 ABRACON-ABV0235 Datasheet
116Kb / 9P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
03/21/05
logo
PhaseLink Corporation
PLL502-35 PLL-PLL502-35 Datasheet
257Kb / 9P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
PLL502-39U PLL-PLL502-39U Datasheet
245Kb / 6P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
PLL602-30 PLL-PLL602-30 Datasheet
207Kb / 8P
   750kHz - 800MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
PLL502-30 PLL-PLL502-30 Datasheet
213Kb / 8P
   750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL602-38N PLL-PLL602-38N Datasheet
196Kb / 4P
   4x Low Phase Noise Multiplier PECL XO
logo
EUROQUARTZ limited
Y1600 EUROQUARTZ-Y1600 Datasheet
74Kb / 1P
   Rugged XO/Low Phase Noise
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com