Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABV8069QC Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABV8069QC
Description  320-640MHz Low Phase Noise VCXO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABV8069QC Datasheet(HTML) 2 Page - Abracon Corporation

  ABV8069QC Datasheet HTML 1Page - Abracon Corporation ABV8069QC Datasheet HTML 2Page - Abracon Corporation ABV8069QC Datasheet HTML 3Page - Abracon Corporation ABV8069QC Datasheet HTML 4Page - Abracon Corporation ABV8069QC Datasheet HTML 5Page - Abracon Corporation ABV8069QC Datasheet HTML 6Page - Abracon Corporation ABV8069QC Datasheet HTML 7Page - Abracon Corporation ABV8069QC Datasheet HTML 8Page - Abracon Corporation ABV8069QC Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
(Preliminary)
ABV8068/69
320-640MHz Low Phase Noise VCXO
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 9/1/05 Page 2
OUTPUT ENABLE LOGICAL LEVELS
Part #
OE
State
0 (Default)
Output enabled
ABV8068 (PECL)
1
Tri-state
0
Tri-state
ABV8069 (LVDS)
1 (Default)
Output enabled
PIN DESCRIPTIONS
Name
TSSOP
Pin number
3x3mm QFN
Pin number
Type
Description
VDDANA
1
11
P
VDD for analog Circuitry.
XIN
2
12
I
Crystal input pin. (See Crystal Specifications on page 4).
XOUT
3
13
O
Crystal output pin. (See Crystal Specifications on page 4).
DNC
4
14
-
Do Not Connect
OE_CTRL
5
15
I
Output enable control pin. (See OE_CTRL Logic Levels above).
VCON
6
16
I
Voltage control input.
GNDANA
7
1
P
Ground for analog circuitry.
LP
8
2
-
LM
9
3
-
Tuning inductor connection. The inductor is recommended to be
a high Q small size 0402 or 0603 SMD component, and must be
placed between LP and adjacent LM pin. Place inductor as close
to the IC as possible to minimize parasitic effects and to
maintain inductor Q.
GNDBUF
10
4
P
GND connection for output buffer circuitry.
Q
11
5
O
PECL or LVDS output.
VDDBUF
12
6
P
VDD connection for output buffer circuitry. VDDBUF should be
separately decoupled from other VDDs whenever possible.
QBAR
13
7
O
Complementary PECL, LVDS output.
GNDBUF
14
8
P
GND connection for output buffer circuitry.
DNC
15
9
-
Do Not Connect
DNC
16
10
-
Do Not Connect


Similar Part No. - ABV8069QC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABV8037 ABRACON-ABV8037 Datasheet
215Kb / 10P
   38MHz-320MHz Low Phase Noise VCXO
9/1/05
ABV8037OC ABRACON-ABV8037OC Datasheet
215Kb / 10P
   38MHz-320MHz Low Phase Noise VCXO
9/1/05
ABV8037OC-T ABRACON-ABV8037OC-T Datasheet
215Kb / 10P
   38MHz-320MHz Low Phase Noise VCXO
9/1/05
ABV8037OCL ABRACON-ABV8037OCL Datasheet
215Kb / 10P
   38MHz-320MHz Low Phase Noise VCXO
9/1/05
ABV8037OCL-T ABRACON-ABV8037OCL-T Datasheet
215Kb / 10P
   38MHz-320MHz Low Phase Noise VCXO
9/1/05
More results

Similar Description - ABV8069QC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PL580-68 PLL-PL580-68 Datasheet
281Kb / 10P
   320-640MHz Low Phase Noise VCXO
PL580-30 PLL-PL580-30 Datasheet
251Kb / 9P
   38MHz-640MHz Low Phase Noise VCXO
PL680-37 PLL-PL680-37 Datasheet
300Kb / 10P
   38-640MHz Low Phase Noise XO
logo
Abracon Corporation
ABX8037 ABRACON-ABX8037 Datasheet
214Kb / 10P
   38-640MHz Low Phase Noise XO
9/1/05
logo
Crystek Corporation
CVHD-957 CRYSTEKCRYSTAL-CVHD-957 Datasheet
233Kb / 2P
   Ultra-Low Phase Noise VCXO
logo
Integrated Circuit Syst...
MK2732-05 ICST-MK2732-05 Datasheet
43Kb / 4P
   Low Phase Noise VCXOMultiplier
MK2732-06 ICST-MK2732-06 Datasheet
64Kb / 4P
   Low Phase Noise VCXOMultiplier
logo
PhaseLink Corporation
PL580-37 PLL-PL580-37 Datasheet
303Kb / 10P
   38MHz-320MHz Low Phase Noise VCXO
PLL520-88-89 PLL-PLL520-88-89 Datasheet
216Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
PLL520-80 PLL-PLL520-80 Datasheet
226Kb / 7P
   Low Phase Noise VCXO (9.5-65MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com