Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABX0238QC Datasheet(PDF) 7 Page - Abracon Corporation

Part # ABX0238QC
Description  750kHz - 800MHz Low Phase Noise Multiplier XO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABX0238QC Datasheet(HTML) 7 Page - Abracon Corporation

  ABX0238QC Datasheet HTML 1Page - Abracon Corporation ABX0238QC Datasheet HTML 2Page - Abracon Corporation ABX0238QC Datasheet HTML 3Page - Abracon Corporation ABX0238QC Datasheet HTML 4Page - Abracon Corporation ABX0238QC Datasheet HTML 5Page - Abracon Corporation ABX0238QC Datasheet HTML 6Page - Abracon Corporation ABX0238QC Datasheet HTML 7Page - Abracon Corporation ABX0238QC Datasheet HTML 8Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ABX0235/37/38/39
750kHz – 800MHz Low Phase Noise Multiplier XO
Universal Low Phase Noise IC’s
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/21/05 Page 7
PACKAGE INFORMATION
C
L
A
EH
D
A1
e
B
16 PIN TSSOP ( mm )
Symbol
Min.
Max.
A-
1.20
A1
0.05
0.15
B0.19
0.30
C0.09
0.20
D4.90
5.10
E4.30
4.50
H
6.40 BSC
L0.45
0.75
e
0.65 BSC
3x3mm QFN


Similar Part No. - ABX0238QC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABX0201 ABRACON-ABX0201 Datasheet
54Kb / 4P
   Low Phase Noise XO (24MHz to 50MHz)
ABX0201HOC ABRACON-ABX0201HOC Datasheet
54Kb / 4P
   Low Phase Noise XO (24MHz to 50MHz)
ABX0201HOC-T ABRACON-ABX0201HOC-T Datasheet
54Kb / 4P
   Low Phase Noise XO (24MHz to 50MHz)
ABX0201HSC ABRACON-ABX0201HSC Datasheet
54Kb / 4P
   Low Phase Noise XO (24MHz to 50MHz)
ABX0201HSC-T ABRACON-ABX0201HSC-T Datasheet
54Kb / 4P
   Low Phase Noise XO (24MHz to 50MHz)
More results

Similar Description - ABX0238QC

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL602-35 PLL-PLL602-35 Datasheet
287Kb / 8P
   750kHz -800MHz Low Phase Noise Multiplier XO
logo
Micrel Semiconductor
PL602-35 MICREL-PL602-35 Datasheet
473Kb / 10P
   750kHz ??800MHz Low Phase Noise Multiplier XO
PL502-35 MICREL-PL502-35 Datasheet
498Kb / 10P
   750kHz ??800MHz Low Phase Noise Multiplier VCXO
logo
Abracon Corporation
ABV0235 ABRACON-ABV0235 Datasheet
116Kb / 9P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
03/21/05
logo
PhaseLink Corporation
PLL502-35 PLL-PLL502-35 Datasheet
257Kb / 9P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
PLL502-39U PLL-PLL502-39U Datasheet
245Kb / 6P
   750kHz - 800MHz Low Phase Noise Multiplier VCXO
PLL602-30 PLL-PLL602-30 Datasheet
207Kb / 8P
   750kHz - 800MHz Low Phase Noise XO (for 12 - 25MHz Crystals)
PLL502-30 PLL-PLL502-30 Datasheet
213Kb / 8P
   750kHz - 800MHz Low Phase Noise VCXO (for 12 - 25MHz Crystals)
PLL602-38N PLL-PLL602-38N Datasheet
196Kb / 4P
   4x Low Phase Noise Multiplier PECL XO
logo
EUROQUARTZ limited
Y1600 EUROQUARTZ-Y1600 Datasheet
74Kb / 1P
   Rugged XO/Low Phase Noise
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com