Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4866 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA4866
Description  Full bridge current driven vertical deflection booster
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4866 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA4866 Datasheet HTML 2Page - NXP Semiconductors TDA4866 Datasheet HTML 3Page - NXP Semiconductors TDA4866 Datasheet HTML 4Page - NXP Semiconductors TDA4866 Datasheet HTML 5Page - NXP Semiconductors TDA4866 Datasheet HTML 6Page - NXP Semiconductors TDA4866 Datasheet HTML 7Page - NXP Semiconductors TDA4866 Datasheet HTML 8Page - NXP Semiconductors TDA4866 Datasheet HTML 9Page - NXP Semiconductors TDA4866 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1999 Jun 14
6
Philips Semiconductors
Product specification
Full bridge current driven vertical deflection
booster
TDA4866
CHARACTERISTICS
VP = 15 V; Tamb =25 °C; VFB = 40 V; voltages referenced to pin 5 (GND); parameters are measured in test circuit
(see Fig.3); unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage (pin 3)
8.2
25
V
VFB
flyback supply voltage (pin 7)
note 1
VP +6
60
V
IFB
quiescent feedback current (pin 7)
no load; no signal
710
mA
Input stage
Iid(p-p)
differential input current (Iid =I1 − I2)
(peak-to-peak value)
−±500
±600
µA
I1, 2(p-p)
single ended input current
(peak-to-peak value)
note 2
0
±300
±600
µA
CMRR
common mode rejection ratio
note 3
−−54
dB
V1
input clamp voltage
I1 = 300 µA
2.7
3.0
3.3
V
V2
input clamp voltage
I2 = 300 µA
2.7
3.0
3.3
V
TCi,1
input clamp signal TC on pin 1
0
−±800
µV/K
TCi,2
input clamp signal TC on pin 2
0
−±800
µV/K
V1 − V2
differential input voltage
Iid =0
0
−±10
mV
I9
feedback current
−±500
±600
µA
V9
feedback voltage
1
VP − 1V
Iid(offset)
differential input offset current
(Iid(offset) =I1 − I2)
Idefl = 0; Rref = 1.5 kΩ;
Rm =1 Ω
0
−±20
µA
Ci INA
input capacity pin 1 referenced to GND
−−
5pF
Ci INB
input capacity pin 2 referenced to GND
−−
5pF
Output stages A and B
I4
output current
−−±1A
I6
output current
−−±1A
V6
output A saturation voltage to GND
I6 = 0.7 A
1.3
1.5
V
I6 = 1.0 A
1.6
1.8
V
V6,3
output A saturation voltage to VP
I6 = 0.7 A
2.3
2.9
V
I6 = 1.0 A
2.7
3.3
V
V4
output B saturation voltage to GND
I4 = 0.7 A
1.3
1.5
V
I4 = 1.0 A
1.6
1.8
V
V4,3
output B saturation voltage to VP
I4 = 0.7 A
1.0
1.6
V
I4 = 1.0 A
1.3
1.9
V
LE
linearity error
Idefl = ±0.7 A; note 4
−−
2%
V4
DC output voltage
Iid = 0 A; closed-loop
6.6
7.2
7.8
V
V6
DC output voltage
Iid = 0 A; closed-loop
6.6
7.2
7.8
V
Goi
open-loop current gain (I4, 6/Iid)I4, 6 < 100 mA; note 5
100
dB
Gofb
open-loop current gain (I4, 6/I9)I4, 6 < 100 mA; note 5
100
dB
Gifb
current ratio (Iid/I9)
closed-loop
−−0.2
dB


Similar Part No. - TDA4866

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4866 PHILIPS-TDA4866 Datasheet
114Kb / 20P
   Full bridge current driven vertical deflection booster
2001 Aug 07
TDA4866J PHILIPS-TDA4866J Datasheet
114Kb / 20P
   Full bridge current driven vertical deflection booster
2001 Aug 07
TDA4866 PHILIPS-TDA4866_V01 Datasheet
114Kb / 20P
   Full bridge current driven vertical deflection booster
2001 Aug 07
More results

Similar Description - TDA4866

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4867J PHILIPS-TDA4867J Datasheet
426Kb / 14P
   Full bridge current driven vertical deflection booster
2003 Feb 05
TDA4866 PHILIPS-TDA4866_V01 Datasheet
114Kb / 20P
   Full bridge current driven vertical deflection booster
2001 Aug 07
logo
NTE Electronics
NTE7147 NTE-NTE7147 Datasheet
33Kb / 4P
   Integrated Circuit Full Bridge Current Driven Vertical Deflection Booster
logo
NXP Semiconductors
TDA8354Q PHILIPS-TDA8354Q Datasheet
120Kb / 16P
   Full bridge current driven vertical deflection output circuit in LVDMOS
1998 Sep 03
logo
STMicroelectronics
STV9379 STMICROELECTRONICS-STV9379 Datasheet
48Kb / 5P
   VERTICAL DEFLECTION BOOSTER
logo
NXP Semiconductors
TDA4863J PHILIPS-TDA4863J Datasheet
105Kb / 20P
   Vertical deflection booster
2000 Aug 17
logo
STMicroelectronics
TDA8177F STMICROELECTRONICS-TDA8177F_05 Datasheet
166Kb / 9P
   VERTICAL DEFLECTION BOOSTER
STV9379A STMICROELECTRONICS-STV9379A_03 Datasheet
159Kb / 6P
   VERTICAL DEFLECTION BOOSTER
logo
Unisonic Technologies
T8177 UTC-T8177 Datasheet
182Kb / 5P
   VERTICAL DEFLECTION BOOSTER
logo
NXP Semiconductors
TDA4864J PHILIPS-TDA4864J Datasheet
79Kb / 16P
   Vertical deflection booster
2003 Oct 31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com