Selected language     English  ▼


TDA4866 Datasheet(PDF) 9 Page - NXP Semiconductors

Part No. TDA4866
Description  Full bridge current driven vertical deflection booster
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 9 page
background image
1999 Jun 14
9
Philips Semiconductors
Product specification
Full bridge current driven vertical deflection
booster
TDA4866
Example
Notes
1. A layer of silicon grease between
the mounting base and the
heatsink optimizes thermal
resistance.
2. Tj(max) =PIC
× [Rth(j-mb) + Rth(mb-amb)]+Tamb
SYMBOL
VALUE
UNIT
Values given from application
Idefl(max)
0.71
A
Ldeflcoil
5.2
mH
Rdeflcoil
5.4 [= 4.2 +
7% +
∆R(ϑ)]
Rm
1 (+1%)
Rp
180
Rref
1.6
k
VFB
35
V
Tamb
+50
°C
Tdeflcoil
+75
°C
Rth(j-mb)
4
K/W
Rth(mb-amb)(1)
8
K/W
Calculated values
VP
8.6
V
tflb
270
µs
Ptot
3.65
W
Pdefl
0.9
W
PIC
2.75
W
Rth(tot)
12
K/W
Tj(max)(2)
+83
°C
Calculation formula for supply voltage and power consumption
Vb1 =V6, 3 +Rdeflcoil × Idefl(max) − U’L +Rm × Idefl(max) +V4
Vb2 =V6 +Rdeflcoil × Idefl(max) +U’L +Rm × Idefl(max) +V4, 3
for Vb1 >Vb2 :VP =Vb1
for Vb2 >Vb1 :VP =Vb2
with:
U’L =Ldeflcoil × 2Idefl(max) × fv
fv = vertical deflection frequency.
PIC = power dissipation of the IC
Pdefl = power dissipation of the deflection coil
Ptot = total power dissipation.
Calculation formula for flyback time (tflb)
with:
tflb(off) = flyback switch off time = 50 µs for this application (tflb(off) depends on
VFB, Idefl(max), Ldeflcoil and CSP).
To achieve good noise suppression the following values for Rp are
recommended:
Recommended values
Ldeflcoil
(mH)
Rp
(
Ω)
3
100
6
180
10
240
15
390
P
tot
V
P
I
defl(max)
2
--------------------
V
P
+
0.03 A
0.1 W
V
FB
I
FB
×
++
×
×
=
P
defl
1
3
--- R
deflcoil
R
m
+
() I
defl(max)
2
×
=
P
IC
P
tot
P
defl
=
t
flb
L
deflcoil
R
deflcoil
R
m
+
---------------------------------
1
R
deflcoil
R
m
+
() I
defl(max)
×
V
FB
V
7r
V
6r
+
-------------------------------------------------------------------
+
1
R
deflcoil
R
m
+
() I
defl(max)
×
V
FB
V
7f
V
6f
()
-------------------------------------------------------------------
-----------------------------------------------------------------------------






ln
×
=
t
flb(off)
+




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE7147Integrated Circuit Full Bridge Current Driven Vertical Deflection Booster 1 2 3 4 NTE Electronics
TDA4867JFull bridge current driven vertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA8354QFull bridge current driven vertical deflection output circuit in LVDMOS 1 2 3 4 5 MoreNXP Semiconductors
TDA8359JFull bridge vertical deflection output circuit in LVDMOS 1 2 3 4 5 MoreNXP Semiconductors
TDA8357JFull bridge vertical deflection output circuit in LVDMOS 1 2 3 4 5 MoreNXP Semiconductors
TDA8358JFull bridge vertical deflection output circuit in LVDMOS with east-west amplifier 1 2 3 4 5 MoreNXP Semiconductors
STV9325Vertical Deflection Booster for 2.5-APPTV/Monitor Applications with 70-V Flyback Generator 1 2 3 4 5 MoreSTMicroelectronics
GWM160-0055P3Three phase full bridge with Trench MOSFETs in DCB isolated high current package 1 2 3 IXYS Corporation
TDA4863JVertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA4864JVertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl