Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BHV10RWXXXG Datasheet(PDF) 2 Page - Bi technologies

Part # BHV10RWXXXG
Description  High Voltage/High Value Thick Film SIP Epoxy Coated Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BHV10RWXXXG Datasheet(HTML) 2 Page - Bi technologies

  BHV10RWXXXG Datasheet HTML 1Page - Bi technologies BHV10RWXXXG Datasheet HTML 2Page - Bi technologies BHV10RWXXXG Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MECHANICAL
Cover Coat
Style RS, PW & PF: Polymer Cover Coat
Styles RF & RW: Epoxy
Substrate
Alumina
Resistor
Cermet
POWER (WATTS) DISSIPATION AT 70
°C
POWER DERATING CURVE
Model
Power (Max)
100
BHV 10
1.0
80
BHV 15
1.5
% of Rated 60
BHV 20
2.0
Power
40
BHV 30
3.0
20
0
0
70
125
Degrees C
ORDERING INFORMATION
PACKAGING
Consult factory for Voltage dividers and application specific devices
Model BHV
Standard:
Box
Capacity
100 units
BHV
10
RS
XXX
J
Tolerance
Model
F =
± 1%
G =
± 2%
Voltage Rating KV
J =
± 5%
K =
± 10%
Style
Resistance Code
RS = Polymer coated substrate
First 2 digits are significant
with solder pads
Last digit denotes number
RW = Epoxy coated package
of trailing zeros
with round wire
RF = Epoxy coated package with flat leads
PF = Polymer coated substrate with flat leads
PW = Polymer coated substrate with round wire


Similar Description - BHV10RWXXXG

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
GC55 WELWYN-GC55 Datasheet
121Kb / 2P
   High Value Thick Film Resistors
logo
TT Electronics.
GC55 TTELEC-GC55 Datasheet
360Kb / 2P
   High Value Thick Film Resistors
logo
KOA Speer Electronics, ...
RKC8BDSTP103F KOA-RKC8BDSTP103F Datasheet
276Kb / 4P
   thick film SIP resistors
RKC3BD KOA-RKC3BD Datasheet
151Kb / 4P
   thick film SIP resistors
logo
Riedon Powertron
HTE15 RIEDON-HTE15_13 Datasheet
224Kb / 2P
   High Voltage / Thick Film Resistors
logo
Welwyn Components Limit...
F43D WELWYN-F43D Datasheet
96Kb / 2P
   High Voltage Thick Film Resistors
HV31 WELWYN-HV31 Datasheet
114Kb / 2P
   High Voltage Thick film Resistors
logo
Bi technologies
BH85331F BITECH-BH85331F Datasheet
56Kb / 4P
   High Profile SIP Thick Film Conformal Coated Resistor Networks
logo
Riedon Powertron
HTE15 RIEDON-HTE15 Datasheet
259Kb / 2P
   High Voltage / Thick Film Resistors
logo
Welwyn Components Limit...
VRW25 WELWYN-VRW25 Datasheet
79Kb / 3P
   High Voltage Thick Film Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com