Selected language     English  ▼


TDA4863 Datasheet(PDF) 11 Page - NXP Semiconductors

Part No. TDA4863
Description  Vertical deflection booster
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 11 page
background image
2000 Aug 17
11
Philips Semiconductors
Product specification
Vertical deflection booster
TDA4863J; TDA4863AJ
APPLICATION INFORMATION
handbook, full pagewidth
MHB721
TDA4863J
22
µF
2
VF
5
VP
>1 kΩ
220 k
BC548
BC556
3.3 k
1N4448
2.2
guard output
HIGH = error
vertical
output
signal
Fig.8 Application circuit with TDA4863J for external guard signal generation.
handbook, full pagewidth
MHB722
TDA4863J
470
µF
DIFFERENTIAL
INPUT
STAGE
VERTICAL
OUTPUT
76
5
4
3
2
1
REFERENCE
CIRCUIT
FLYBACK
GENERATOR
VP1
−8 V
VN
GND
1.8 k
1
(1 W)
deflection
coil
4.3
5.6
100
nF
BYV27
from TDA485X
+50 V
THERMAL
PROTECTION
VFB
V-OUT
1.8 k
R1
470
µF
270
VF
VP2
RS1
470
µF
+9 V
VP
CS1
RP
R3
R2
D1
INN
INP
5.6
RS2
CS2
(1)
Fig.9 Application circuit with TDA4863J.
Attention: the heatsink of the IC must be isolated against ground of the application (it is connected to pin 4).
(1) With CS2 (typical value between 47 and 150 nF) the flyback time and the noise behaviour can be optimized.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STV9325Vertical Deflection Booster for 2.5-APPTV/Monitor Applications with 70-V Flyback Generator 1 2 3 4 5 MoreSTMicroelectronics
NTE7147Integrated Circuit Full Bridge Current Driven Vertical Deflection Booster 1 2 3 4 NTE Electronics
TDA4867JFull bridge current driven vertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA4866Full bridge current driven vertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA4864JVertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
STV9379VERTICAL DEFLECTION BOOSTER 1 2 3 4 5 STMicroelectronics
STV9379AVERTICAL DEFLECTION BOOSTER 1 2 3 4 5 STMicroelectronics
STV9379FVERTICAL DEFLECTION BOOSTER 1 2 3 4 5 STMicroelectronics
STV9326Vertical Deflection Booster for 3-APPTV/Monitor Applications with 60-V Flyback Generator 1 2 3 4 5 MoreSTMicroelectronics
STV9379FAVERTICAL DEFLECTION BOOSTER 1 2 3 4 5 STMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl