Selected language     English  ▼


TDA4881 Datasheet(PDF) 7 Page - NXP Semiconductors

Part No. TDA4881
Description  Advanced monitor video controller
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 7 page
background image
November 1992
7
Philips Semiconductors
Preliminary specification
Advanced monitor video controller
TDA4881
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134)
Note to the Limiting Values
1. Equivalent to discharging a 200 pF capacitor through a 0
Ω series resistor.
THERMAL RESISTANCE
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VP
supply voltage (pin 7)
0
8.8
V
Vi
input voltage range (pins 2, 5 and 8)
−0.1
VP
V
Vext
external DC voltage ranges
pins 20, 17 and 14
−0.1
VP
V
pins 19, 16 and 13
no external voltages
pins 1, 3, 6 and 11
−0.1
VP
V
pin 9
−0.1
VP+0.7
V
pin 10
−0.7
VP +0.7
V
Io
average output current (pins 20, 17 and 14)
0
50
mA
IM
peak output current (pins 20, 17 and 14)
0
100
mA
Ptot
total power dissipation
1200
mW
Tstg
storage temperature range
−25
+150
°C
Tamb
operating ambient temperature range
0
+70
°C
Tj
junction temperature
−25
+150
°C
VESD
electrostatic handling for all pins (note 1)
−500
+500
V
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-a
from junction to ambient in free air
65 K/W




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4882Advanced monitor video controller for OSD 1 2 3 4 5 MoreNXP Semiconductors
TDA4884Advanced monitor video controller for OSD 1 2 3 4 5 MoreNXP Semiconductors
NTE7137Integrated Circuit Advanced Monitor Video Controller 1 2 3 4 5 NTE Electronics
NTE7138Integrated Circuit Advanced Monitor Video Controller for OSD 1 2 3 4 5 MoreNTE Electronics
MC2674ADVANCED VIDEO DISPLAY CONTROLLER AVDC 1 2 3 4 5 MoreMotorola, Inc
M52780-XXXSPI2C BUS CONTROLLED 3CH VIDEO PRE-AMP WITH OSD CONTROLLER FOR HIGH RESOLUTION COLOR DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
SC1154PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER FOR ADVANCED PROCESSORS 1 2 3 4 5 MoreSemtech Corporation
M52745SPBUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
NTE855Integrated Circuit Color TV Video Monitor 1 2 3 NTE Electronics
RT92301.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl