Selected language     English  ▼


TDA4881 Datasheet(PDF) 9 Page - NXP Semiconductors

Part No. TDA4881
Description  Advanced monitor video controller
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 9 page
background image
November 1992
9
Philips Semiconductors
Preliminary specification
Advanced monitor video controller
TDA4881
Voltage outputs (pins 19, 16 and 13)
VO(b-w)
signal output voltage
(black-to-white value)
V3, 11 open; V6 = 4.5 V;
Vl(b-w) = 0.7 V
0.8
V
Vbl
black level voltage
during output clamping;
depending on black
level adjustment;
see note 4
0.3
1.0
V
during switch-off
0.1
0.3
V
S/N
signal-to-noise ratio
see note 5
−−
44
dB
Frequency response at voltage outputs
Gvf
gain decrease by frequency
response at pins 19, 16 and 13
70 MHz
−−−3dB
trO
rise time at voltage output
(pins 19, 16 and 13)
10% to 90% amplitude;
input rise time = 1 ns
4.5
5.0
ns
Current outputs (pins 20, 17 and 14)
lO(b-w)
signal current (black-to-white)
50
mA
with peaking; see note 6
−−
100
mA
V20-19, 17-16, 14-13 HF saturation of output transistors
IO =50mA
−−
2.0
V
IO = 100 mA
−−
2.2
V
Threshold voltages (see note 7)
V9
threshold for horizontal blanking
(blanking, output clamping)
1.2
1.4
1.6
V
threshold for switch-off
(blanking, minimum black level,
no output clamping)
5.8
6.5
6.8
V
R9
input resistance referenced to ground
50
80
110
k
td9
delay between horizontal blanking
input and output signal blanking
35
60
ns
V10
threshold for vertical blanking
(blanking, no input clamping)
see Fig.4
1.2
1.4
1.6
V
threshold for clamping
(input clamping, no blanking)
see Fig.4
2.6
3.0
3.5
V
I10
input current
−3
−1
−µA
tr,f10
rise and fall time for clamping pulse
transition 1 to 3.5 V;
see Fig.4
−−
75
ns/V
tw10
clamping pulse width
V10 = 3 V
0.6
−−µs
td10
delay between vertical blanking input
and output signal blanking
see Fig.4
300
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4882Advanced monitor video controller for OSD 1 2 3 4 5 MoreNXP Semiconductors
TDA4884Advanced monitor video controller for OSD 1 2 3 4 5 MoreNXP Semiconductors
NTE7137Integrated Circuit Advanced Monitor Video Controller 1 2 3 4 5 NTE Electronics
NTE7138Integrated Circuit Advanced Monitor Video Controller for OSD 1 2 3 4 5 MoreNTE Electronics
MC2674ADVANCED VIDEO DISPLAY CONTROLLER AVDC 1 2 3 4 5 MoreMotorola, Inc
M52780-XXXSPI2C BUS CONTROLLED 3CH VIDEO PRE-AMP WITH OSD CONTROLLER FOR HIGH RESOLUTION COLOR DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
SC1154PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER FOR ADVANCED PROCESSORS 1 2 3 4 5 MoreSemtech Corporation
M52745SPBUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
NTE855Integrated Circuit Color TV Video Monitor 1 2 3 NTE Electronics
RT92301.5V ADVANCED DUAL PWM AND DUAL LINEAR POWER CONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl