Selected language     English  ▼


TDA4863A Datasheet(PDF) 7 Page - NXP Semiconductors

Part No. TDA4863A
Description  Vertical deflection booster
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 7 page
background image
2000 Aug 17
7
Philips Semiconductors
Product specification
Vertical deflection booster
TDA4863J; TDA4863AJ
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134); voltages referenced to ground (pin 4); unless
otherwise specified.
Notes
1. Internally limited by thermal protection; will be activated for Tj ≥ 150 °C.
2. Equivalent to discharging a 200 pF capacitor through a 0
Ω series resistor.
THERMAL CHARACTERISTICS
Note
1. To minimize the thermal resistance from mounting base to heatsink [Rth(mb-h)] follow the recommended mounting
instruction: screw mounting preferred; torque = 40 Ncm; use heatsink compound; isolation plate increases Rth(mb-h).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP1
supply voltage 1 (pin 1)
40
V
VP2
supply voltage 2 (pin 3)
60
V
VFB
flyback supply voltage of TDA4863J (pin 2)
60
V
VP3
flyback generator output voltage of TDA4863AJ (pin 2)
0
VP1 +3
V
Vi(6,7)
input voltage on pins 6 and 7
VP1
V
Vo(5)
output voltage on pin 5
62
V
IP2
supply current 2 (pin 3)
−±1.8
A
Io(5)
output current (pin 5)
note 1
−±1.8
A
I2
flyback current on pin 2
−±1.8
A
Tstg
storage temperature
−25
+150
°C
Tamb
ambient temperature
−20
+75
°C
Tj
junction temperature
note 1
150
°C
Ves
electrostatic discharge voltage on all pins
note 2
−300
+300
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-mb)
thermal resistance from junction to mounting base
note 1
6
K/W




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
STV9325Vertical Deflection Booster for 2.5-APPTV/Monitor Applications with 70-V Flyback Generator 1 2 3 4 5 MoreSTMicroelectronics
NTE7147Integrated Circuit Full Bridge Current Driven Vertical Deflection Booster 1 2 3 4 NTE Electronics
TDA4867JFull bridge current driven vertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA4866Full bridge current driven vertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
TDA4864JVertical deflection booster 1 2 3 4 5 MoreNXP Semiconductors
STV9379VERTICAL DEFLECTION BOOSTER 1 2 3 4 5 STMicroelectronics
STV9379AVERTICAL DEFLECTION BOOSTER 1 2 3 4 5 STMicroelectronics
STV9379FVERTICAL DEFLECTION BOOSTER 1 2 3 4 5 STMicroelectronics
STV9326Vertical Deflection Booster for 3-APPTV/Monitor Applications with 60-V Flyback Generator 1 2 3 4 5 MoreSTMicroelectronics
STV9379FAVERTICAL DEFLECTION BOOSTER 1 2 3 4 5 STMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl