Selected language     English  ▼


TDA4882 Datasheet(PDF) 8 Page - NXP Semiconductors

Part No. TDA4882
Description  Advanced monitor video controller for OSD
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 8 page
background image
1997 Sep 04
8
Philips Semiconductors
Product specification
Advanced monitor video controller for OSD
TDA4882
10 CHARACTERISTICS
VP = 8.0 V; Tamb =25 °C; all voltages measured to GND (pin 4); note 1; see Fig.4; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
7.2
8.0
8.8
V
IP
supply current
36
48
60
mA
Video signal inputs (channels 1, 2 and 3)
Vi(b-w)
input voltage, black-to-white
0.7
1.0
V
VI(clamp)
DC voltage during input clamping
(artificial black + VBE)
2.8
3.1
3.4
V
II
DC input current
no clamping; Vi =VI(clamp);
Tamb = −20 to +70 °C
−0.05 +0.05 +0.25
0
µA
during clamping;
Vi =VI(clamp) + 0.7 V
50
75
120
µA
during clamping;
Vi =VI(clamp) − 0.7 V
−120
−75
−50
µA
Brightness control; note 2; Fig.5
Vi(BC)
input voltage
1.0
6.0
V
Ri(BC)
input resistance
40
50
60
k
Vi(BC)(nom)
input voltage for nominal brightness pin 1 open-circuit
2.0
2.25
2.5
V
∆Vbl
black-level voltage change at
voltage outputs referred to
reference black level during output
clamping (Vi(HBL) > 1.6 V) related
to output signal amplitude with
nominal 0.7 V (p-p) input signal and
nominal contrast (Vi(CC) = 4.3 V) for
any gain setting
Vi(BC) = 1.0 V
−13
−11
−9.5
%
Vi(BC) = 6.0 V
303437%
pin 1 open-circuit
−−
0.8
%
∆VBT
difference of
∆Vbl between any two
channels
−1.2
0
+1.2
%
Contrast control; note 3; Fig.6
Vi(CC)
input voltage
1.0
6.0
V
Vi(CC)(max)
maximum input voltage
−−
VP − 1V
Vi(CC)(nom)
input voltage for nominal contrast
note 4
4.3
V
Ii(CC)
input current
Vi(CC) = 4.3 V
−5
−1
−0.1
µA
C/Cnom
contrast relative to nominal contrast Vi(CC) = 6.0 V;
pins 3 and 11 open-circuit
2.4
3.4
dB
Vi(CC) = 1.0 V;
pins 3 and 11 open-circuit
−26
−22
−19
dB
Vi(CC)(min)
input voltage for minimum contrast
pins 3 and 11 open-circuit
0.7
V
∆G
track
tracking of output signals of
channels 1, 2 and 3
1V<Vi(CC) < 6 V; note 5
0
0.5
dB
tdf(C)
delay between leading (falling)
edges of contrast voltage and
voltage output waveforms
Vi(CC) = 4.3 V to 0.7 V;
input fall time at pin 6:
tf(CC) = 2 ns; note 6; Fig.10
720
ns




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4884Advanced monitor video controller for OSD 1 2 3 4 5 MoreNXP Semiconductors
NTE7138Integrated Circuit Advanced Monitor Video Controller for OSD 1 2 3 4 5 MoreNTE Electronics
M52780-XXXSPI2C BUS CONTROLLED 3CH VIDEO PRE-AMP WITH OSD CONTROLLER FOR HIGH RESOLUTION COLOR DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
TDA4881Advanced monitor video controller 1 2 3 4 5 MoreNXP Semiconductors
NTE7137Integrated Circuit Advanced Monitor Video Controller 1 2 3 4 5 NTE Electronics
STV9432TA100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS & VIDEO TIMING ANALYZER 1 2 3 4 5 MoreSTMicroelectronics
STV9432TAP100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS VIDEO TIMING ANALYZER AND PWMs 1 2 3 4 5 MoreSTMicroelectronics
SC1154PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER FOR ADVANCED PROCESSORS 1 2 3 4 5 MoreSemtech Corporation
M52749FPBUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
DBL2056R.G.B VIDEO PROCESSOR FOR MONITOR 1 2 3 4 5 Daewoo Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl