Selected language     English  ▼


TDA4882 Datasheet(PDF) 9 Page - NXP Semiconductors

Part No. TDA4882
Description  Advanced monitor video controller for OSD
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 9 page
background image
1997 Sep 04
9
Philips Semiconductors
Product specification
Advanced monitor video controller for OSD
TDA4882
tdr(C)
delay between trailing edges
(rising) of contrast voltage and
voltage output waveforms
Vi(CC) = 0.7 V to 4.3 V;
input rise time at pin 6:
tr(CC) = 2 ns; note 6; Fig.10
15
25
ns
tf(C)
fall time of voltage output waveform 90% to 10% amplitude; input
fall time at pin 6: tf(CC) = 2 ns;
note 6; Fig.10
615
ns
tr(C)
rise time of voltage output
waveform
10% to 90% amplitude; input
rise time at pin 6:
tr(CC) = 2 ns; note 6; Fig.10
615
ns
Gain control (channel 1 and channel 3); note 7; Fig.7
Vi(GC)
input voltage
1.0
6.0
V
Vi(GC)(nom)
input voltage for nominal gain
pins 3 and 11 open-circuit
3.6
3.75
3.95
V
Ri(GC)
input resistance
44
55
66
k
∆G
gain control difference relative to
nominal gain
(channels 1 and 3 only)
Vi(CC) = 4.3 V; Vi(GC) = 6 V
2
2.6
3.3
dB
Vi(CC) = 4.3 V; Vi(GC) =1V
−5.5
−5
−4.5
dB
Feedback input (channels 1, 2 and 3); note 8; Fig.8
Vref(int)
internal reference voltage
5.6
5.8
6.1
V
Io(FB)(max)
maximum output current
during output clamping;
Vi(FB) =3V
−500
−100
−60
nA
∆Vbl(CRT)
black-level variation at CRT
note 9
0
40
200
mV
∆V
ref(T)
variation of Vref(int) in the
temperature range
Tamb = −20 to +70 °C
0
20
50
mV
∆V
ref(int)(VP)
variation of Vref(int) with supply
voltage
7.2 V
≤ VP ≤ 8.8 V
0
60
100
mV
Voltage outputs (channels 1, 2 and 3)
Vo(b-w)(nom)
nominal signal output voltage
(black-to-white value)
pins 3 and 11 open-circuit;
Vi(CC) = 4.3 V; Vi(b-w) = 0.7 V
0.69
0.79
0.89
V
Vblx(max)
maximum adjustable black-level
voltage
during output clamping;
Tamb = −20 to +70 °C
1
1.2
1.4
V
Vbl(SO)
black-level voltage during
switch-off, equal to minimum
adjustable black-level voltage
Vi(HBL) =VP; RO =33 Ω;
Tamb = −20 to +70 °C
30
45
100
mV
Vbl(TST)
black-level voltage during test
mode
Vi(HBL) =VP; Vi(CL) =VP; pin 1
open-circuit; Vi =VI(clamp);
note 10
0.3
0.7
1.2
V
S/N
signal-to-noise ratio
note 11
50
44
dB
dO(th)
output thermal distortion
Io(b-w) = 50 mA; note 12
0.6
1
%
∆V
bl(fl)
black-level variation between
clamping pulses
line frequency 30 kHz
0.5
4.5
mV
Voffset(max)
maximum offset during sync
clipping
VI <VI(clamp);
note 13; Fig.9
0715
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4884Advanced monitor video controller for OSD 1 2 3 4 5 MoreNXP Semiconductors
NTE7138Integrated Circuit Advanced Monitor Video Controller for OSD 1 2 3 4 5 MoreNTE Electronics
M52780-XXXSPI2C BUS CONTROLLED 3CH VIDEO PRE-AMP WITH OSD CONTROLLER FOR HIGH RESOLUTION COLOR DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
TDA4881Advanced monitor video controller 1 2 3 4 5 MoreNXP Semiconductors
NTE7137Integrated Circuit Advanced Monitor Video Controller 1 2 3 4 5 NTE Electronics
STV9432TA100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS & VIDEO TIMING ANALYZER 1 2 3 4 5 MoreSTMicroelectronics
STV9432TAP100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS VIDEO TIMING ANALYZER AND PWMs 1 2 3 4 5 MoreSTMicroelectronics
SC1154PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER FOR ADVANCED PROCESSORS 1 2 3 4 5 MoreSemtech Corporation
M52749FPBUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
DBL2056R.G.B VIDEO PROCESSOR FOR MONITOR 1 2 3 4 5 Daewoo Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl