Selected language     English  ▼


TDA4882 Datasheet(PDF) 11 Page - NXP Semiconductors

Part No. TDA4882
Description  Advanced monitor video controller for OSD
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 11 page
background image
1997 Sep 04
11
Philips Semiconductors
Product specification
Advanced monitor video controller for OSD
TDA4882
Notes to the characteristics
1. Definition of levels:
a) Artificial black level: internal signal level behind input emitter follower during input clamping and signal clipping.
This level is inserted instead of the input signal during blanking.
b) Reference black level: DC voltage during output clamping at voltage outputs, not influenced by brightness,
contrast or gain setting, adjustable by cut-off stabilization.
c) Cut-off level: corresponding DC voltage at CRT cathode in closed feedback loop.
d) Black level: actual signal black level at either the voltage outputs or cathode, it can be adjusted by
(brightness
× gain), it refers to reference black level or cut-off level.
e) Ultra-black level, switch-off level: lowest adjustable reference black level, lowest signal level at voltage outputs.
f) The minimum guaranteed control range for reference black level is 0.1 to 1 V. The ultra-black level is dependent
on the external resistor RO at pins 13, 16 and 19 (voltage outputs) to ground.
g)
2. Linear control range is 1 to 6 V for Vi(BC), independent of supply voltage.
3. Linear control range is 1 to 6 V for Vi(CC), independent of supply voltage. Open pin 6 leads to maximum contrast
setting. It is recommended not to exceed Vi(CC) =VP − 1 V to avoid saturation of internal circuitry. For
Vi(CC) <Vi(CC)(min) ≈ 0.7 V a small negative signal (≈−40 dB) will appear. For frequency dependency of contrast
control see note 15.
4. Definition for nominal output signals: input Vi(b-w) = 0.7 V, gain pins 3 and 11 open-circuit, contrast control
Vi(CC) =Vi(CC)(nom).
5.
dB
Ax: signal output amplitude in channel x at any contrast setting between 1 and 6 V.
Ax0: signal output amplitude in channel x at nominal contrast and same gain setting.
6. Typical step in contrast voltage and response at signal outputs for nominal input signal Vi(b-w) = 0.7 V
(OSD fast blanking input/output).
7. Linear control range is 1 to 6 V for Vi(GC), independent of supply voltage.
8. The internal reference voltage can be measured at pins 18, 15 and 12 (channel feedback inputs) during output
clamping (Vi(HBL) = 2 V) in closed feedback loop.
9. Slow variations of video supply voltage VCRT (Fig.1) will be suppressed at CRT cathode by cut-off stabilization.
Change of VCRT by 5 V leads to specified change of cut-off voltage.
10. The test mode allows testing without input and output clamping pulses. The signal inputs have to be biased via
resistors to the previously measured clamp voltages of approximately 3 V (artificial black level + VBE). Signal and
brightness blanking is not possible during test mode. The current outputs should be adjusted by resistors >> R0 from
voltage outputs to a positive voltage (e.g. VP).
tr(CL), tf(CL)
rise and fall time for clamping pulse note 19; Fig.17
−−
75
ns/V
tw(clamp)
width of clamping pulse
0.6
−−µs
td(Vblank)
delay between vertical blanking
input and internal blanking
note 19; Fig.17
260
320
380
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
bl(SO)
R
o
3.5 k
Ω R
o
+
-------------------------------
4.65 V
×
∆G
track
20
maximum of
A
1
A
10
---------
A
20
A
2
---------
×



log
A
1
A
10
---------
A
30
A
3
---------
×



log
A
2
A
20
---------
A
30
A
3
---------
×



log
;
;



×
=




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4884Advanced monitor video controller for OSD 1 2 3 4 5 MoreNXP Semiconductors
NTE7138Integrated Circuit Advanced Monitor Video Controller for OSD 1 2 3 4 5 MoreNTE Electronics
M52780-XXXSPI2C BUS CONTROLLED 3CH VIDEO PRE-AMP WITH OSD CONTROLLER FOR HIGH RESOLUTION COLOR DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
TDA4881Advanced monitor video controller 1 2 3 4 5 MoreNXP Semiconductors
NTE7137Integrated Circuit Advanced Monitor Video Controller 1 2 3 4 5 NTE Electronics
STV9432TA100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS & VIDEO TIMING ANALYZER 1 2 3 4 5 MoreSTMicroelectronics
STV9432TAP100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS VIDEO TIMING ANALYZER AND PWMs 1 2 3 4 5 MoreSTMicroelectronics
SC1154PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER FOR ADVANCED PROCESSORS 1 2 3 4 5 MoreSemtech Corporation
M52749FPBUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
DBL2056R.G.B VIDEO PROCESSOR FOR MONITOR 1 2 3 4 5 Daewoo Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl