Selected language     English  ▼


TDA4882 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. TDA4882
Description  Advanced monitor video controller for OSD
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 3 page
background image
1997 Sep 04
3
Philips Semiconductors
Product specification
Advanced monitor video controller for OSD
TDA4882
1
FEATURES
• 85 MHz video controller
• Fully DC controllable
• 3 separate video channels
• Input black-level clamping
• White level adjustment for 2 channels only
• Brightness control with correct grey scale tracking
• Contrast control for all 3 channels simultaneously
• Cathode feedback to internal reference for cut-off
control, which allows unstabilized video supply voltage
• Current outputs for RGB signal currents
• RGB voltage outputs to external peaking circuits
• Blanking and switch-off input for screen protection
• Sync on green operation possible
• On Screen Display (OSD) facility.
2
GENERAL DESCRIPTION
The TDA4882 is an RGB pre-amplifier for colour monitor
systems with SVGA performance, intended for DC or AC
coupling of the colour signals to the cathodes of the CRT.
With special advantages the circuit can be used in
conjunction with the TDA485x monitor deflection IC family.
3
QUICK REFERENCE DATA
4
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
positive supply voltage
7.2
8.0
8.8
V
IP
supply current
36
48
60
mA
Vi(b-w)
input voltage, black-to-white
0.7
1.0
V
Vo(b-w)
output voltage, black-to-white
nominal contrast;
channels 1 and 3 gain
control pins open-circuit
0.79
V
Io(b-w)
output current, black-to-white
50
mA
IOM
peak output current
−−
100
mA
B
bandwidth
−3dB
70
85
MHz
Gnom
nominal voltage gain
nominal contrast;
channels 1 and 3 gain
control pins open-circuit
1
dB
∆G
gain control difference for 2 channels
relative to Gnom
−5
+2.6
dB
CRcontrast
contrast control
Vi(CC) =1to 6V
−22
+3.4
dB
COSD(min)
minimum contrast for OSD
Vi(CC) = 0.7 V
−−40
dB
∆V
bl
brightness control related to nominal
output signal amplitude
−11
+34
%
Tamb
operating ambient temperature
−20
+70
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA4882
DIP20
plastic dual in-line package; 20 leads (300 mil)
SOT146-1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4884Advanced monitor video controller for OSD 1 2 3 4 5 MoreNXP Semiconductors
NTE7138Integrated Circuit Advanced Monitor Video Controller for OSD 1 2 3 4 5 MoreNTE Electronics
M52780-XXXSPI2C BUS CONTROLLED 3CH VIDEO PRE-AMP WITH OSD CONTROLLER FOR HIGH RESOLUTION COLOR DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
TDA4881Advanced monitor video controller 1 2 3 4 5 MoreNXP Semiconductors
NTE7137Integrated Circuit Advanced Monitor Video Controller 1 2 3 4 5 NTE Electronics
STV9432TA100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS & VIDEO TIMING ANALYZER 1 2 3 4 5 MoreSTMicroelectronics
STV9432TAP100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS VIDEO TIMING ANALYZER AND PWMs 1 2 3 4 5 MoreSTMicroelectronics
SC1154PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER FOR ADVANCED PROCESSORS 1 2 3 4 5 MoreSemtech Corporation
M52749FPBUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
DBL2056R.G.B VIDEO PROCESSOR FOR MONITOR 1 2 3 4 5 Daewoo Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl