Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACOL1 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACOL1
Description  2.5Vdc - HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACOL1 Datasheet(HTML) 1 Page - Abracon Corporation

  ACOL1 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.5Vdc • HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP
CRYSTAL CLOCK OSCILLATORS
ACOL1 and ACHL1
APPLICATIONS:
• Clock signal sources for digital chips and microprocessors.
• Low power applications.
FEATURES:
• Tristate Enable / Disable option.
• Low voltage 2.5Vdc.
• HCMOS and TTL compatible.
• Tight symmetry option.
• Anti-Static packaging tubes.
• Low power.
S
S
T
T
A
A
N
N
D
D
A
A
R
R
D
D
S
S
P
P
E
E
C
C
I
I
F
F
I
I
C
C
A
A
T
T
I
I
O
O
N
N
S
S
ACX L1 - Frequency - Temperature - Overall Frequency Stability - Duty Cycle - Tristate - Value Added - Packaging
XX.XXXXX MHz or kHz
O or H
-R for ± 25ppm max
-K for ± 30ppm max
-H for ± 35ppm max
-C for ± 50ppm max
- A for Tristate E /D
-S for 45 /55% @ 1
/2Vdd
-G
Gull Wing
-G2 Gull Wing (ACHL1)
-QXX (Trimmed Leads)
-D for -10°C to + 60°C
-E for -20°C to + 70°C
-F for -30°C to + 70°C
-N for -30°C to + 85°C
-L for -40°C to + 85°C
ORDERING OPTIONS
* Pin 1 has internal pull-up resistor which allows Pin 1 to be left floating (enable high) opt. A.
Test circuit, waveforms, see appendix B. Recommended handling, see appendix F.
Environmental and mechanical specifications, see appendix C. Group 1.
Marking, see appendix G. Value added, see appendix D.
Application notes, see appendix A.
** Standard Operating Temperature Only.
Dimensions: Inches (mm)
Package Type
ACOL1 (14DIP) and ACHL1 (8DIP)
Frequency Range
(Fo)
1.00MHz - 85.0MHz
Operating Temperature
(TOPR)
0°C to +70°C (See Options)
Storage Temperature
(TSTO)
-55°C to +125°C
Frequency Stability
(DF/ Fo)
±100ppm max. (See Options)
Supply Voltage
(Vdd)
2.5Vdc ±10%
Input Current
(Idd)
15mA max.
Duty Cycle or Symmetry
40 / 60% max. (typical 45/55%) (See Options)
Rise and Fall Times
(TR / TF)
10ns max.
Output Load
5TTL or 15pF
Output Voltage
0.9 *Vdd min. (VOH) 0.1 *Vdd max. (VOL)
Start-up Time
(TOSC)
10ms max.
Tristate Function
(VIH)
(Option “-A” ONLY)
(VIL)
Output Disable / Enable Time
100ns max. (for Option “- A” ONLY)
“1” or Open: Oscillation
>_ 1.8V
“0”:Output disabled in high impedance (HiZ) < 0.4V
PARAMETERS
SPECIFICATIONS
ACOL1
(14DIP)
ACHL1
(8 DIP)
PIN # PIN #
FUNCTION
ACOL ACHL
1
1
NC or E/D
7
4
GND / Case
8
5
Output
14
8
Vdd
20.2 x 12.6 x 5.08 mm
-T for Tape and reel
-TY for Tray packing
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
FAX: (949) 448-8484
E-MAIL:
abinfo@abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard
• All specifications and markings subject to change without notice
ABRACON
®
C O R P O R A T I O N 53


Similar Part No. - ACOL1

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACOL ABRACON-ACOL Datasheet
448Kb / 1P
   3.3Vdc HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
ACOL-14.31818MHZ-D-C ABRACON-ACOL-14.31818MHZ-D-C Datasheet
898Kb / 2P
   CRYSTAL CLOCK OSCILLATOR
03.11.14
ACOL-14.31818MHZ-D-H ABRACON-ACOL-14.31818MHZ-D-H Datasheet
898Kb / 2P
   CRYSTAL CLOCK OSCILLATOR
03.11.14
ACOL-14.31818MHZ-D-J ABRACON-ACOL-14.31818MHZ-D-J Datasheet
898Kb / 2P
   CRYSTAL CLOCK OSCILLATOR
03.11.14
ACOL-14.31818MHZ-D-K ABRACON-ACOL-14.31818MHZ-D-K Datasheet
898Kb / 2P
   CRYSTAL CLOCK OSCILLATOR
03.11.14
More results

Similar Description - ACOL1

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACOL ABRACON-ACOL Datasheet
448Kb / 1P
   3.3Vdc HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
logo
RSG Electronic Componen...
HO-22 RSG-HO-22 Datasheet
85Kb / 1P
   HALF SIZE CLOCK OSCILLATORS TTL/HCMOS COMPATIBLE
logo
Vishay Siliconix
XO-54 VISHAY-XO-54_07 Datasheet
188Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 05-Mar-07
XO-54 VISHAY-XO-54_11 Datasheet
155Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 08-Mar-11
XO-543 VISHAY-XO-543 Datasheet
186Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 05-Mar-07
logo
RSG Electronic Componen...
HO-12 RSG-HO-12 Datasheet
84Kb / 1P
   FULL SIZE CLOCK OSCILLATORS TTL/HCMOS COMPATIBLE
logo
Abracon Corporation
ACHL-25.000MHZ-EK ABRACON-ACHL-25.000MHZ-EK Datasheet
458Kb / 1P
   3.3Vdc ??HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP
logo
Vishay Siliconix
XO-543 VISHAY-XO-543_11 Datasheet
155Kb / 3P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 08-Mar-11
XO-54 VISHAY-XO-54 Datasheet
81Kb / 1P
   Full Size Clock Oscillators TTL/HCMOS Compatible
Revision: 10-Jun-03
logo
General Electric Compan...
LM1100 GEC-LM1100 Datasheet
201Kb / 1P
   Full Size HCMOS/TTL Compatible Oscillators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com