Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCL565050-682J Datasheet(PDF) 2 Page - Bi technologies

Part # BCL565050-682J
Description  2220 Industry Size Surface Mount Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BCL565050-682J Datasheet(HTML) 2 Page - Bi technologies

  BCL565050-682J Datasheet HTML 1Page - Bi technologies BCL565050-682J Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2006 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
71
Outline Dimensions (Inch/mm)
Ordering Information
Packaging
Standard: Embossed Tape & Reel
Reel: Diameter
= 7” (177.8mm)
Capacity
=
2000 Units
Inductance Code:
First 2 digits are significant. Last digit
denotes the number of trailing zeros.
For values below 10µH, ‘R’ denotes
the decimal point.
Model Series
Inductance Tolerance
J = 5%
K = 10%
M = 20%
Lead-Free Option
LF = Lead - Free
(No code used for
non lead-free part)
BCL 322522
330
K
LF


Similar Part No. - BCL565050-682J

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
BCL COILCRAFT-BCL Datasheet
395Kb / 3P
   Broadband Conical Inductors
logo
Panasonic Semiconductor
BCL PANASONIC-BCL Datasheet
179Kb / 4P
   Inductors for power circuits Wound metal BCL series (for automotive)
20211117
logo
Molex Electronics Ltd.
BCL-1012 MOLEX4-BCL-1012 Datasheet
244Kb / 2P
   Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 1/2
BCL-1012-PL MOLEX4-BCL-1012-PL Datasheet
244Kb / 2P
   Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 1/2", Plated
BCL-1012-WP MOLEX4-BCL-1012-WP Datasheet
245Kb / 3P
   Compression Style Ring Tongue Terminal for 1/0 AWG Wire, Stud Size 1/2", Un-Plated, Wide Pad
More results

Similar Description - BCL565050-682J

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BCL322522 BITECH-BCL322522 Datasheet
224Kb / 2P
   1210 Industry Size Surface Mount Inductors
BCL45 BITECH-BCL45 Datasheet
237Kb / 2P
   1812 Industry Size Surface Mount Inductors
logo
List of Unclassifed Man...
BCL453232 ETC1-BCL453232 Datasheet
237Kb / 2P
   1812 Industry Size Surface Mount Inductors
logo
Bi technologies
BML BITECH-BML Datasheet
266Kb / 3P
   Surface Mount Multilayer Ferrite Chip Inductors, 0603 - 1206 Industry Sizes
logo
API Delevan
4302R API-4302R Datasheet
1Mb / 1P
   Temperature Stable (1008 size) Surface Mount Inductors
logo
Bi technologies
BMC BITECH-BMC Datasheet
245Kb / 3P
   Surface Mount Multilayer High Frequency Ceramic Chip Inductors 0402 - 0805 Industry Sizes
logo
Rhombus Industries Inc.
L-15100 RHOMBUS-IND-L-15100 Datasheet
36Kb / 1P
   Surface Mount Inductors
logo
API Delevan
M0820-00K API-M0820-00K Datasheet
42Kb / 1P
   Surface Mount Inductors
logo
TOKO, Inc
888FU-101M TOKO-888FU-101M Datasheet
29Kb / 1P
   Surface mount inductors
logo
XFMRS Inc.
XF0256S7 XFMRS-XF0256S7 Datasheet
55Kb / 1P
   SURFACE MOUNT INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com