Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACML-0402-600 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACML-0402-600
Description  SURFACE-MOUNT MULTI-LAYER CHIP BEADS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACML-0402-600 Datasheet(HTML) 1 Page - Abracon Corporation

  ACML-0402-600 Datasheet HTML 1Page - Abracon Corporation ACML-0402-600 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
SURFACE-MOUNT MULTI-LAYER CHIP BEADS
SURFACE-MOUNT MULTI-LAYER CHIP BEADS
SURFACE-MOUNT MULTI-LAYER CHIP BEADS
ACML 0402, 0603, 0805
|||||||||||||||
• Testing Frequency: 100MHz except
ACML-0805-1000 and up test @ 50MHz
• Equipment: HP4291A or equivalent
• Add -S for high speed signal which provide a sharper
roll-off after the desired cut-off frequency
• Refer to Impedance Characteristics Chart.
• Add -H for high current and low DCR, see SCD for details
• Add -T for tape and reel
• Operating Temperature: -
40°C to +125°C
• Specification subject to change without notice
ACML-0402
ACML-0805
Length (L)
0.040±0.006
0.079±0.012
(1,00±0,15)
(2,00±0,30)
Width (W)
0.020±0.006
0.049±0.008
(0,50±0,15)
(1,25±0,20)
Thickness (T)
0.020±0.006
0.033±0.008
(0,50±0,015)
(0,85±0,20)
Termination (BW)
0.010±0.004
0.020±0.012
(0,25±0,10)
(0,50±0,30)
ACML-0603
0.063±0.006
(1,60±0,15)
0.031±0.006
(0,30±0,20)
(0,80±0,15)
0.031±0.006
(0,80±0,15)
0.012±0.008
Part
Z (Ω)
RDC
IRATE
Number
±25%
Max
mA Max
0805 Series
ACML-0805-7
7
0.04
2200
ACML-0805-11
11
0.04
2000
ACML-0805-17
17
0.04
2000
ACML-0805-19
19
0.04
2000
ACML-0805-26
26
0.05
1500
ACML-0805-31
31
0.05
1500
ACML-0805-36
36
0.06
1500
ACML-0805-50
50
0.06
1000
ACML-0805-60
60
0.06
1000
ACML-0805-66
66
0.10
1000
ACML-0805-68
68
0.10
1000
ACML-0805-70
70
0.10
1000
ACML-0805-80
80
0.12
1000
ACML-0805-110
110
0.16
900
ACML-0805-120
120
0.18
800
ACML-0805-150
150
0.25
800
ACML-0805-180
180
0.25
600
ACML-0805-220
220
0.25
600
ACML-0805-300
300
0.30
500
ACML-0805-500
500
0.30
500
ACML-0805-600
600
0.40
500
ACML-0805-750
750
0.40
300
ACML-0805-1000
1000
0.45
300
ACML-0805-1200
1200
0.60
200
ACML-0805-1500
1500
0.70
200
ACML-0805-2000
2000
0.88
500
Part
Z (Ω)
RDC
IRATE
Number
±25%
Max
mA Max
0402 Series
ACML-0402-5
5
0.05
500
ACML-0402-7
7
0.05
500
ACML-0402-11
11
0.05
500
ACML-0402-19
19
0.05
300
ACML-0402-31
31
0.25
300
ACML-0402-60
60
0.40
200
ACML-0402-80
80
0.40
200
ACML-0402-120
120
0.50
150
ACML-0402-180
180
0.60
150
ACML-0402-240
240
0.70
125
ACML-0402-300
300
0.80
100
ACML-0402-470
470
0.80
100
ACML-0402-500
500
1.20
100
ACML-0402-600
600
1.50
100
ACML-0402-1000
1000
0.90
100
ACML-0402-1500
1500
1.30
60
0603 Series
ACML-0603-5
5
0.05
1000
ACML-0603-7
7
0.05
1000
ACML-0603-11
11
0.05
1000
ACML-0603-19
19
0.06
1000
ACML-0603-30
30
0.06
500
ACML-0603-31
31
0.06
500
ACML-0603-60
60
0.10
300
ACML-0603-80
80
0.12
200
ACML-0603-120
120
0.20
200
ACML-0603-180
180
0.30
200
ACML-0603-220
220
0.30
200
ACML-0603-300
300
0.35
200
ACML-0603-500
500
0.45
200
ACML-0603-600
600
0.60
200
ACML-0603-1000
1000
0.70
200
ACML-0603-1500
1500
0.80
100
ACML-0603-2000
2000
1.00
100
ACML-0603-2500
2500
1.20
100
L
W
BW
T
PHYSICAL CHARACTERISTICS:
STANDARD SPECIFICATIONS:
TECHNICAL INFORMATION:
OPTIONS:
• Tape & Reel is standard
• Impedance: Optional values available
APPLICATIONS:
• Wireless communications
• Networking System
FEATURES:
• Multi-layer construction
• EMI/RFI suppression


Similar Part No. - ACML-0402-600

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACML-0402-600 ABRACON-ACML-0402-600 Datasheet
2Mb / 3P
   MULTILAYER FERRITE CHIP BEAD
01.03.13
More results

Similar Description - ACML-0402-600

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACML-1206 ABRACON-ACML-1206 Datasheet
63Kb / 1P
   SURFACE-MOUNT MULTI-LAYER CHIP BEADS
logo
Central Technologies
CTCBF-S CT-CTCBF-S Datasheet
492Kb / 2P
   Chip Beads - Multi-layer
CTCBF-M CT-CTCBF-M Datasheet
438Kb / 2P
   Chip Beads - Multi-layer
CTCBF CT-CTCBF Datasheet
356Kb / 1P
   Chip Beads - Multi-layer
CTCBF-H CT-CTCBF-H Datasheet
427Kb / 2P
   Chip Beads - Multi-layer
CTCBF-U CT-CTCBF-U Datasheet
491Kb / 2P
   Chip Beads - Multi-layer
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
   Chip Beads - Multi-layer
CTCB CT-CTCB Datasheet
457Kb / 2P
   Chip Beads - Multi-layer
CTCB060302F CT-CTCB060302F Datasheet
115Kb / 1P
   Chip Beads - Multi-layer
logo
KOA Speer Electronics, ...
CZB1EFT KOA-CZB1EFT Datasheet
631Kb / 15P
   Multi Layer Ferrite Chip Beads
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com