Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCN4D22KJ7 Datasheet(PDF) 2 Page - Bi technologies

Part # BCN4D22KJ7
Description  Thick Film Chip Resistor Arrays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

BCN4D22KJ7 Datasheet(HTML) 2 Page - Bi technologies

  BCN4D22KJ7 Datasheet HTML 1Page - Bi technologies BCN4D22KJ7 Datasheet HTML 2Page - Bi technologies BCN4D22KJ7 Datasheet HTML 3Page - Bi technologies BCN4D22KJ7 Datasheet HTML 4Page - Bi technologies BCN4D22KJ7 Datasheet HTML 5Page - Bi technologies BCN4D22KJ7 Datasheet HTML 6Page - Bi technologies BCN4D22KJ7 Datasheet HTML 7Page - Bi technologies BCN4D22KJ7 Datasheet HTML 8Page - Bi technologies BCN4D22KJ7 Datasheet HTML 9Page - Bi technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
4-6
Model BCN Series
ENVIRONMENTAL
Operating Temperature Range
-55°C to +125°C
Temperature Coefficient of Resistance
BCN 4D, BCN 16 8R/8S, BCN 21, BCN 31:
±200ppm/°C
BCN 102, BCN 104, BCN 16 4:
±250ppm/°C
Moisture Resistance
1,000 hours at +40°C, 95% R.H. (3.0%+0.1
Ω∆R)
High Temperature Operation
1,000 hours at 70°C (3.0%+0.1
Ω∆R)
Short Time Overload
2.5 x rated voltage, 5 seconds (2.0%+0.1
Ω∆R)
Temperature Cycling
-55°C to +125°C, 5 cycles (1.0%+0.1
Ω∆R)
Resistance to Solder Heat
260°C for 10 seconds (1.0%+0.1
Ω∆R)
Load Life
1,000 hours at 70°C (3.0%±0.1
Ω∆R)
Standard Resistance Range, Ohms
BCN 4D, BCN 10, BCN16 4:
10 to 1 Megohm
BCN 16 8R/8S:
100 to 1 Megohm
BCN 31 8R/8S:
22 to 1 Megohm
BCN 21:
68 to 220K
Standard Resistance Tolerance
±5% (J. Tol.)
Optional: ±1% (F Tol.), BCN 4D, BCN 16 4, BCN 318RB/8SB Only
±2% (G Tol.), BCN 16 4, BCN 31 8RB/8RS Only
Operating Voltage, Maximum
BCN16 4, BCN 31 8R/8S:
50Vdc or
√pr
BCN 102, BCN 104, BCN 16 8R/8S, BCN 21:
25Vdc or
√pr
BCN 4D:
75Vdc or
√pr
Power Rating, Watts at 70°C
BCN 102:
63mW per Resistor / 125mW per Package
BCN 4D:
125mW per Resistor / 500mW per Package
BCN 104:
63mW per Resistor / 125mW per Package
BCN 16 4A:
63mW per Resistor / 250mW per Package
BCN 16 8R/8S:
32mW per Resistor / 250mW per Package
BCN 21, BCN 31 8R/8S: 63mW per Resistor / 500mW per Package
ELECTRICAL
CONSTRUCTION
;;
;;
;;
;;
;;
;;
90/10 Tin-Lead
Solder Coating
Nickel Barrier
Silver Palladium
Alumina Substrate
Electrode: Solder Plating
on Thick Conductor
Glass Passivation: Glass Protective Coating
Resistor:
Ruthenium Oxide
;;
;;


Similar Part No. - BCN4D22KJ7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BCN4D220J7 ETC2-BCN4D220J7 Datasheet
762Kb / 11P
   Sulphur resistant version available
More results

Similar Description - BCN4D22KJ7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CNC22JTN102 ETC-CNC22JTN102 Datasheet
902Kb / 8P
   Thick Film Chip Resistor Arrays
CNC24JTN102 ETC-CNC24JTN102 Datasheet
939Kb / 8P
   Thick Film Chip Resistor Arrays
CNC34JTN102 ETC-CNC34JTN102 Datasheet
952Kb / 8P
   Thick Film Chip Resistor Arrays
CNCR24JTN102 ETC-CNCR24JTN102 Datasheet
934Kb / 8P
   Thick Film Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT25 BOURNS-CAT25 Datasheet
191Kb / 2P
   Thick Film Chip Resistor Arrays
CAT25-103JALF BOURNS-CAT25-103JALF Datasheet
210Kb / 2P
   Thick Film Chip Resistor Arrays
logo
American Accurate Compo...
CRN062V102JAM AAC-CRN062V102JAM Datasheet
312Kb / 6P
   Thick Film Chip Resistor Arrays & Networks
logo
Bourns Electronic Solut...
CAT25-273JALF BOURNS-CAT25-273JALF Datasheet
210Kb / 2P
   CAT25 - Thick Film Chip Resistor Arrays
CAT25-474JALF BOURNS-CAT25-474JALF Datasheet
229Kb / 3P
   CAT25 - Thick Film Chip Resistor Arrays
CAT25-104JALF BOURNS-CAT25-104JALF Datasheet
210Kb / 2P
   CAT25 - Thick Film Chip Resistor Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com