Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACML-1206-300 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACML-1206-300
Description  SURFACE-MOUNT MULTI-LAYER CHIP BEADS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACML-1206-300 Datasheet(HTML) 1 Page - Abracon Corporation

  ACML-1206-300 Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SURFACE-MOUNT MULTI-LAYER CHIP BEADS
SURFACE-MOUNT MULTI-LAYER CHIP BEADS
SURFACE-MOUNT MULTI-LAYER CHIP BEADS
ACML-1206 SERIES
|||||||||||||||
STANDARD SPECIFICATIONS:
Part
Z (Ω)
RDC
IRATE
Number
Freq
MHz
±25%
Max
mA Max
ACML-1206
Length (L)
Width (W)
Thickness (T)
Termination (BW)
L
W
BW
T
PHYSICAL CHARACTERISTICS:
0.125±0.008
(3,20±0,20)
0.063±0.008
(1,60±0,20)
0.035±0.012
(0,90±0,30)
0.020±0.012
(0,50±0,30)
TECHNICAL INFORMATION:
• ACML-1206-xxx typical values only.
(-xxx equal impedance value)
• Add -T for tape and reel
• Operating Temperature: -45°C to +125°C
RoHS compliance product, effective Jan. 31, 2005
RoHS Label on Reel and Box
ACML-1206-7
ACML-1206-11
ACML-1206-19
ACML-1206-26
ACML-1206-31
ACML-1206-36
ACML-1206-66
ACML-1206-70
ACML-1206-80
ACML-1206-90
ACML-1206-120
ACML-1206-150
ACML-1206-180
ACML-1206-240
ACML-1206-300
ACML-1206-500
ACML-1206-600
ACML-1206-750
ACML-1206-1000
ACML-1206-1200
ACML-1206-1500
ACML-1206-2000
ACML-1206-2500
ACML-1206-3000
7
11
19
26
31
36
66
70
80
90
120
150
180
240
300
500
600
750
1000
1200
1500
2000
2500
3000
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
100
50
50
50
50
50
50
0.04
0.05
0.05
0.05
0.05
0.05
0.10
0.10
0.10
0.10
0.15
0.20
0.20
0.23
0.25
0.30
0.30
0.30
0.40
0.50
0.60
0.70
0.80
1.00
2500
2000
2000
2000
2000
2000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
600
500
300
200
200
200
200
OPTIONS:
• Tape & Reel is standard
• Impedance: Optional values available
APPLICATIONS:
• Wireless communications
• Networking System
FEATURES:
• Multi-layer construction
• EMI/RFI suppression
ABRACON IS
ABRACON IS
ISO 9001 / QS 9000
ISO 9001 / QS 9000
CERTIFIED
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com


Similar Part No. - ACML-1206-300

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACML-0201 ABRACON-ACML-0201 Datasheet
3Mb / 4P
   SMD Multilayer Chip Bead
09.12.12
ACML-0201-121 ABRACON-ACML-0201-121 Datasheet
3Mb / 4P
   SMD Multilayer Chip Bead
09.12.12
ACML-0201-241 ABRACON-ACML-0201-241 Datasheet
3Mb / 4P
   SMD Multilayer Chip Bead
09.12.12
ACML-0201-471 ABRACON-ACML-0201-471 Datasheet
3Mb / 4P
   SMD Multilayer Chip Bead
09.12.12
ACML-0201-600 ABRACON-ACML-0201-600 Datasheet
3Mb / 4P
   SMD Multilayer Chip Bead
09.12.12
More results

Similar Description - ACML-1206-300

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACML0402 ABRACON-ACML0402 Datasheet
100Kb / 2P
   SURFACE-MOUNT MULTI-LAYER CHIP BEADS
logo
Central Technologies
CTCBF-S CT-CTCBF-S Datasheet
492Kb / 2P
   Chip Beads - Multi-layer
CTCBF-M CT-CTCBF-M Datasheet
438Kb / 2P
   Chip Beads - Multi-layer
CTCBF CT-CTCBF Datasheet
356Kb / 1P
   Chip Beads - Multi-layer
CTCBF-H CT-CTCBF-H Datasheet
427Kb / 2P
   Chip Beads - Multi-layer
CTCBF-U CT-CTCBF-U Datasheet
491Kb / 2P
   Chip Beads - Multi-layer
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
   Chip Beads - Multi-layer
CTCB CT-CTCB Datasheet
457Kb / 2P
   Chip Beads - Multi-layer
CTCB060302F CT-CTCB060302F Datasheet
115Kb / 1P
   Chip Beads - Multi-layer
logo
KOA Speer Electronics, ...
CZB1EFT KOA-CZB1EFT Datasheet
631Kb / 15P
   Multi Layer Ferrite Chip Beads
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com