Selected language     English  ▼


TDA4884 Datasheet(PDF) 7 Page - NXP Semiconductors

Part No. TDA4884
Description  Advanced monitor video controller for OSD
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 7 page
background image
1997 Nov 26
7
Philips Semiconductors
Product specification
Three gain control video pre-amplifier for OSD
TDA4884
8
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Signal amplitude of 50 mA black-to-white is possible if the average current (including blanking times and signal
variation against time) does not exceed 50 mA. The maximum power dissipation of 1200 mW has to be considered.
2. Equivalent to discharging a 200 pF capacitor through a 0
Ω series resistor.
9
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Vext
external DC voltage applied to the following pins:
pin 7 (supply voltage)
0
8.8
V
pins 2, 5 and 8 (signal input)
−0.1
VP
V
pins 20, 17 and 14 (current outputs)
−0.1
VP
V
pins 1, 3, 6 and 11 (gain and contrast control)
−0.1
VP
V
pin 9 (horizontal blanking input)
−0.1
VP + 0.7
V
pin 10 (input clamping input)
−0.1
VP + 0.7
V
Io(av)
average output current (pins 20, 17 and 14)
note 1
0
50
mA
IOM
peak output current (pins 20, 17 and 14)
0
100
mA
Ptot
total power dissipation
1200
mW
Tstg
storage temperature
−25
+150
°C
Tamb
operating ambient temperature
−20
+70
°C
Tj
junction temperature
−25
+150
°C
VESD
electrostatic handling for all pins
note 2
−500
+500
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
65
K/W




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4882Advanced monitor video controller for OSD 1 2 3 4 5 MoreNXP Semiconductors
NTE7138Integrated Circuit Advanced Monitor Video Controller for OSD 1 2 3 4 5 MoreNTE Electronics
M52780-XXXSPI2C BUS CONTROLLED 3CH VIDEO PRE-AMP WITH OSD CONTROLLER FOR HIGH RESOLUTION COLOR DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
TDA4881Advanced monitor video controller 1 2 3 4 5 MoreNXP Semiconductors
NTE7137Integrated Circuit Advanced Monitor Video Controller 1 2 3 4 5 NTE Electronics
STV9432TA100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS & VIDEO TIMING ANALYZER 1 2 3 4 5 MoreSTMicroelectronics
STV9432TAP100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS VIDEO TIMING ANALYZER AND PWMs 1 2 3 4 5 MoreSTMicroelectronics
SC1154PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER FOR ADVANCED PROCESSORS 1 2 3 4 5 MoreSemtech Corporation
M52749FPBUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
DBL2056R.G.B VIDEO PROCESSOR FOR MONITOR 1 2 3 4 5 Daewoo Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl