Selected language     English  ▼


TDA4884 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. TDA4884
Description  Advanced monitor video controller for OSD
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 4 page
background image
1997 Nov 26
4
Philips Semiconductors
Product specification
Three gain control video pre-amplifier for OSD
TDA4884
5
BLOCK DIAGRAM
Fig.1 Block diagram and basic application circuit for DC and AC coupling.
handbook, full pagewidth
10 k
10 k
10 M
75
33
33
220
VOLTAGE
CONVERTER
VOLTAGE
CONVERTER
CHANNEL 1
6.2 V
CLAMP
CLIPPING
gain
control
VP
VP
VP = 8 V
1
2
22 nF
20
19
3
4
10 k
10 M
75
33
33
10
10
10
100
10
220
VOLTAGE
CONVERTER
CHANNEL 2
CLAMP
CLIPPING
REF
GAIN
VP
5
17
16
15
18
6
7
22 nF
22 nF
10 M
75
18
10 k
18
VOLTAGE
CONVERTER
CHANNEL 3
test mode
ultra black
blanking
horizontal blanking
switch off
signal
input
signal
input
signal
input
clamping pulse
vertical blanking
test mode
output clamping
input
clamping
CLAMP
CLIPPING
PULSE
DECODER
8
+
14
13
12
5.8 V
11
9
voltage
output
voltage
output
voltage
output
current
output
current
output
current
output
feedback
feedback
feedback
gain
control
gain
control
10
VP
VP
contrast
control
10 k
15 k
1.5 k
1.5 k
6.8 k
68 k
1 k
1 k
93
k
10 k
8 V
10 k
15 k
6.8 k
68 k
8 V
25 MHz
60 MHz
40 MHz
BAV21
VCRT = 75 V
860
VCRT = 65 V
VCRT2 = 65 V
VCRT = 75 V
BFQ236
47 nF
BFQ236
BFQ235
BFQ256
BAV21
cut-off
control
cut-off
control
BAV21
cut-off
control
CRT
BFQ256
BFQ235
BFQ235
10 k
TDA4884
MHA917




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4882Advanced monitor video controller for OSD 1 2 3 4 5 MoreNXP Semiconductors
NTE7138Integrated Circuit Advanced Monitor Video Controller for OSD 1 2 3 4 5 MoreNTE Electronics
M52780-XXXSPI2C BUS CONTROLLED 3CH VIDEO PRE-AMP WITH OSD CONTROLLER FOR HIGH RESOLUTION COLOR DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
TDA4881Advanced monitor video controller 1 2 3 4 5 MoreNXP Semiconductors
NTE7137Integrated Circuit Advanced Monitor Video Controller 1 2 3 4 5 NTE Electronics
STV9432TA100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS & VIDEO TIMING ANALYZER 1 2 3 4 5 MoreSTMicroelectronics
STV9432TAP100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS VIDEO TIMING ANALYZER AND PWMs 1 2 3 4 5 MoreSTMicroelectronics
SC1154PROGRAMMABLE SYNCHRONOUS DC/DC HYSTERETIC CONTROLLER FOR ADVANCED PROCESSORS 1 2 3 4 5 MoreSemtech Corporation
M52749FPBUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
DBL2056R.G.B VIDEO PROCESSOR FOR MONITOR 1 2 3 4 5 Daewoo Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl