Selected language     English  ▼


TDA4885 Datasheet(PDF) 10 Page - NXP Semiconductors

Part No. TDA4885
Description  150 MHz video controller with I2C-bus
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 10 page
background image
1997 Nov 25
10
Philips Semiconductors
Product specification
150 MHz video controller with I2C-bus
TDA4885
8
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. No external voltages.
2. Equivalent to discharging a 200 pF capacitor via a 10
Ω series resistor (“UZW-B0/FQ-B302”).
3. Equivalent to discharging a 100 pF capacitor via a 1500
Ω series resistor (“UZW-B0/FQ-A302”).
9
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VP
supply voltage (pin 7)
0
8.8
V
VP1, 2, 3
supply voltage channel 1, 2 and 3 (pins 29, 24 and 19) 0
8.8
V
Vi
input voltage (pins 6, 8 and 10)
−0.1
VP
V
Vext
external DC voltage applied to the following pins:
pins 1 to 4
−0.1
VP
V
pins 12, 13, 14 and 17
−0.1
VP
V
pins 11 and 5
−0.1
VP + 0.7
V
pins 15 and 16
−0.1
VP
V
pins 31, 26 and 21
−0.1
VP + 0.7
V
pins 30, 25 and 20
note 1
note 1
pins 32, 27 and 22
−0.1
VP
V
Io(av)
average output current (pins 30, 25 and 20)
20
mA
IOM
peak output current (pins 30, 25 and 20)
50
mA
Ptot
total power dissipation
1300
mW
Tstg
storage temperature
−25
+150
°C
Tamb
operating ambient temperature
−20
+70
°C
Tj
junction temperature
−25
+150
°C
VESD
electrostatic handling for all pins
machine model 0.75
µH (note 2)
−250
+250
V
human body model (note 3)
−3000
+3000
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
60
K/W




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4886140 MHz video controller with I2C-bus 1 2 3 4 5 MoreNXP Semiconductors
TDA4886A140 MHz video controller with I2C-bus 1 2 3 4 5 MoreNXP Semiconductors
TDA9207150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS 1 2 3 4 5 MoreSTMicroelectronics
TDA9209150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION 1 2 3 4 5 MoreSTMicroelectronics
TDA9210150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS 1 2 3 4 5 MoreSTMicroelectronics
LM1267150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs 1 2 3 4 5 MoreNational Semiconductor (TI)
STV9211150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE 1 2 3 4 5 MoreSTMicroelectronics
AD8074500 MHz G = +-1 and +2 Triple Video Buffers with Disable 1 2 3 4 5 MoreAnalog Devices
ADV7129192-Bit 360 MHz True-Color Video DAC with Onboard PLL 1 2 3 4 5 MoreAnalog Devices
MC13283130 MHz VIDEO PROCESSOR WITH OSD INTERFACE 1 2 Motorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl