Selected language     English  ▼


TDA4885 Datasheet(PDF) 11 Page - NXP Semiconductors

Part No. TDA4885
Description  150 MHz video controller with I2C-bus
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 11 page
background image
1997 Nov 25
11
Philips Semiconductors
Product specification
150 MHz video controller with I2C-bus
TDA4885
10 CHARACTERISTICS
All voltages and currents are measured in test circuit of Fig.19; all voltages are measured with respect to GND (pins 9,
28, 23 and 18); VP =VP1, 2, 3 = 8 V (pins 7, 29, 24 and 19); Tamb =25 °C; nominal input signals [0.7 V (peak-to-peak
value) at pins 6, 8 and 10]; nominal colour signals at signal outputs (pins 30, 25 and 20); reference black level (Vrbl)
approximately 0.7 V; nominal settings for brightness and contrast; maximum settings for OSD contrast and gain; no
limiting of contrast (V17 = 5 V); no OSD fast blanking (pin 1 connected to ground); no gain modulation (pins 12, 13
and 14 connected to ground); notes 1 to 3; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage (pin 7)
7.6
8.0
8.8
V
IP
supply current (pin 7)
note 4
20
25
mA
VP1, 2, 3
channel supply voltage
(pins 29, 24 and 19)
7.6
8.0
8.8
V
IP1, 2, 3
channel supply current
(pins 29, 24 and 19)
signal outputs (pins 30, 25
and 20) open-circuit;
Vrbl = 0.7 V; note 5
40
45
mA
VPSO
supply voltage for signal switch
off (threshold at pin 7)
signal outputs switched to
switch-off voltage; note 1
−−
7.2
V
Clamping and blanking pulses (pins 5 and 11)
V5
input clamping and vertical
blanking input signal
note 6
no blanking, no input
clamping
−0.1
+1.2
V
blanking, no input clamping
1.6
2.6
V
input clamping, no blanking
3.5
VP
V
I5
input current
V5 = 1 V; note 7
−1.5
−0.2 −0.05
µA
pin 5 grounded; note 7
−80
−60
−30
µA
V5 = −0.1 V; note 7
−250
−200 −100
µA
tr/f5
rise/fall time for input clamping
pulse, disable for blanking
note 6; see Fig.7
−−
75
ns/V
tW5
width of input clamping pulse
0.6
−−
µs
tdl5
delay between leading edges
of vertical blanking input pulse
and internal blanking pulse
V11 < 0.8 V; input pulse with
50 ns/V; threshold for rising
input pulse V5 = 1.4 V;
threshold after input clamping
pulse V5 = 3 V; see Fig.7
270
ns
tdt5
delay between trailing edges of
vertical blanking input pulse
and internal blanking pulse
V11 < 0.8 V; input pulse with
50 ns/V; threshold V5 = 1.4 V;
see Fig.7
115
ns
V11
output clamping and blanking
input signal
note 8
no blanking, no output
clamping
−0.1
+0.8
V
blanking, no output clamping
2.0
2.6
V
blanking, output clamping
3.5
VP
V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4886140 MHz video controller with I2C-bus 1 2 3 4 5 MoreNXP Semiconductors
TDA4886A140 MHz video controller with I2C-bus 1 2 3 4 5 MoreNXP Semiconductors
TDA9207150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS 1 2 3 4 5 MoreSTMicroelectronics
TDA9209150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION 1 2 3 4 5 MoreSTMicroelectronics
TDA9210150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS 1 2 3 4 5 MoreSTMicroelectronics
LM1267150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs 1 2 3 4 5 MoreNational Semiconductor (TI)
STV9211150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS IN DC-COUPLING MODE 1 2 3 4 5 MoreSTMicroelectronics
AD8074500 MHz G = +-1 and +2 Triple Video Buffers with Disable 1 2 3 4 5 MoreAnalog Devices
ADV7129192-Bit 360 MHz True-Color Video DAC with Onboard PLL 1 2 3 4 5 MoreAnalog Devices
MC13283130 MHz VIDEO PROCESSOR WITH OSD INTERFACE 1 2 Motorola, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl