Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4885 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA4885
Description  150 MHz video controller with I2C-bus
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4885 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA4885 Datasheet HTML 1Page - NXP Semiconductors TDA4885 Datasheet HTML 2Page - NXP Semiconductors TDA4885 Datasheet HTML 3Page - NXP Semiconductors TDA4885 Datasheet HTML 4Page - NXP Semiconductors TDA4885 Datasheet HTML 5Page - NXP Semiconductors TDA4885 Datasheet HTML 6Page - NXP Semiconductors TDA4885 Datasheet HTML 7Page - NXP Semiconductors TDA4885 Datasheet HTML 8Page - NXP Semiconductors TDA4885 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
1997 Nov 25
3
Philips Semiconductors
Product specification
150 MHz video controller with I2C-bus
TDA4885
1
FEATURES
• 150 MHz pixel rate
• 2.7 ns rise time
• Gain modulation capability for brightness uniformity
• I2C-bus control
• Grey scale tracking
• On Screen Display (OSD) mixing
• Negative feedback for DC-coupled cathodes
• Positive feedback for AC-coupled cathodes
• DAC outputs for black level restoration with AC-coupled
cathodes
• Integrated black level storage capacitors
• Beam current limiting
• Analog subcontrast setting
• Pedestal blanking
• OSD contrast
• Sync clipping.
2
GENERAL DESCRIPTION
The TDA4885 is a monolithic integrated RGB pre-amplifier
for colour monitor systems (e.g. 15" and 17") with I2C-bus
control and OSD. In addition to bus control beam current
limiting and gain modulation are possible. The signals are
amplified in order to drive commonly used video modules
or discrete solutions. Individual black level control with
negative feedback from the cathode (DC coupling) or fixed
black level control with positive feedback and 3 DAC
outputs for external cut-off control (AC coupling) is
possible.
With special advantages the circuit can be used in
conjunction with the TDA485x monitor deflection IC family.
3
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA4885
SDIP32
plastic shrink dual in-line package; 32 leads (400 mil)
SOT232-1


Similar Part No. - TDA4885

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4881 PHILIPS-TDA4881 Datasheet
118Kb / 12P
   Advanced monitor video controller
November 1992
TDA4882 PHILIPS-TDA4882 Datasheet
263Kb / 28P
   Advanced monitor video controller for OSD
1997 Sep 04
TDA4884 PHILIPS-TDA4884 Datasheet
189Kb / 28P
   Advanced monitor video controller for OSD
1997 Nov 26
TDA4886 PHILIPS-TDA4886 Datasheet
495Kb / 52P
   140 MHz video controller with I2C-bus
1998 Nov 11
TDA4886A PHILIPS-TDA4886A Datasheet
495Kb / 52P
   140 MHz video controller with I2C-bus
1998 Dec 04
More results

Similar Description - TDA4885

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4886A PHILIPS-TDA4886A Datasheet
495Kb / 52P
   140 MHz video controller with I2C-bus
1998 Dec 04
TDA4886 PHILIPS-TDA4886 Datasheet
495Kb / 52P
   140 MHz video controller with I2C-bus
1998 Nov 11
logo
STMicroelectronics
TDA9210 STMICROELECTRONICS-TDA9210 Datasheet
206Kb / 19P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS
logo
Sony Corporation
CXA1314P SONY-CXA1314P Datasheet
287Kb / 14P
   VIDEO SWITCH COMPATIBLE WITH I2C BUS
logo
NXP Semiconductors
PCF8584 PHILIPS-PCF8584 Datasheet
224Kb / 40P
   I2C-bus controller
1997 Oct 21
logo
National Semiconductor ...
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
logo
Sony Corporation
CXA1114P SONY-CXA1114P Datasheet
367Kb / 20P
   AUDIO VIDEO SWITCH COMPATIBLE WITH I2C BUS
logo
List of Unclassifed Man...
NJW1321 ETC2-NJW1321 Datasheet
167Kb / 12P
   WIDE BAND VIDEO SWITCH WITH I2C BUS
logo
Sony Corporation
CXA2040Q SONY-CXA2040Q Datasheet
381Kb / 22P
   I2C Bus-Compatible Video Switch
CXA2040AQ SONY-CXA2040AQ Datasheet
257Kb / 21P
   I2C Bus-Compatible Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com