Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4885 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # TDA4885
Description  150 MHz video controller with I2C-bus
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4885 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button TDA4885 Datasheet HTML 35Page - NXP Semiconductors TDA4885 Datasheet HTML 36Page - NXP Semiconductors TDA4885 Datasheet HTML 37Page - NXP Semiconductors TDA4885 Datasheet HTML 38Page - NXP Semiconductors TDA4885 Datasheet HTML 39Page - NXP Semiconductors TDA4885 Datasheet HTML 40Page - NXP Semiconductors TDA4885 Datasheet HTML 41Page - NXP Semiconductors TDA4885 Datasheet HTML 42Page - NXP Semiconductors TDA4885 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
17
LIM;
beam current
limiting input
open-circuit voltage
V17 = 5.0 V
V17 < 4.5 V:
open-circuit base
18
GND3;
ground
channel 3
19
VP3;
supply voltage
channel 3
I19 =40mA
PIN
SYMBOL AND
DESCRIPTION
CHARACTERISTIC
WAVEFORM
EQUIVALENT CIRCUIT
MHA631
17
VP
5.0 V
1 k
21
µA
10 k
MHA632
18
MHA633
19


Similar Part No. - TDA4885

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4881 PHILIPS-TDA4881 Datasheet
118Kb / 12P
   Advanced monitor video controller
November 1992
TDA4882 PHILIPS-TDA4882 Datasheet
263Kb / 28P
   Advanced monitor video controller for OSD
1997 Sep 04
TDA4884 PHILIPS-TDA4884 Datasheet
189Kb / 28P
   Advanced monitor video controller for OSD
1997 Nov 26
TDA4886 PHILIPS-TDA4886 Datasheet
495Kb / 52P
   140 MHz video controller with I2C-bus
1998 Nov 11
TDA4886A PHILIPS-TDA4886A Datasheet
495Kb / 52P
   140 MHz video controller with I2C-bus
1998 Dec 04
More results

Similar Description - TDA4885

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4886A PHILIPS-TDA4886A Datasheet
495Kb / 52P
   140 MHz video controller with I2C-bus
1998 Dec 04
TDA4886 PHILIPS-TDA4886 Datasheet
495Kb / 52P
   140 MHz video controller with I2C-bus
1998 Nov 11
logo
STMicroelectronics
TDA9210 STMICROELECTRONICS-TDA9210 Datasheet
206Kb / 19P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS
logo
Sony Corporation
CXA1314P SONY-CXA1314P Datasheet
287Kb / 14P
   VIDEO SWITCH COMPATIBLE WITH I2C BUS
logo
NXP Semiconductors
PCF8584 PHILIPS-PCF8584 Datasheet
224Kb / 40P
   I2C-bus controller
1997 Oct 21
logo
National Semiconductor ...
LM1267 NSC-LM1267 Datasheet
1Mb / 20P
   150 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs
logo
Sony Corporation
CXA1114P SONY-CXA1114P Datasheet
367Kb / 20P
   AUDIO VIDEO SWITCH COMPATIBLE WITH I2C BUS
logo
List of Unclassifed Man...
NJW1321 ETC2-NJW1321 Datasheet
167Kb / 12P
   WIDE BAND VIDEO SWITCH WITH I2C BUS
logo
Sony Corporation
CXA2040Q SONY-CXA2040Q Datasheet
381Kb / 22P
   I2C Bus-Compatible Video Switch
CXA2040AQ SONY-CXA2040AQ Datasheet
257Kb / 21P
   I2C Bus-Compatible Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com