Selected language     English  ā–¼


TDA4886 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. TDA4886
Description  140 MHz video controller with I2C-bus
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 5 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MHB185
INPUT
CLAMPING
BLANKING
INPUT
CLAMPING
BLANKING
INPUT
CLAMPING
BLANKING
CONTRAST
LIM
VI2
VI3
PEDST
DISO
DISV
FPOL
BLH1
BLH2
CONTRAST
CONTRAST
REGISTER
I2C-BUS
12
13
SDA
SCL
24
VI1
6
8
10
SUBCONTRAST
CONTRAST MODULATION
LIMITING
OSD
CONTRAST
OSD
CONTRAST
OSD
CONTRAST
6
FPOL
6-BIT
DAC
4-BIT
DAC
6
4
6
6
6
6
DISO
1234
FBL
OSD1 OSD2 OSD3
fast
blanking
OSD INPUT
input clamping
CHANNEL 1
REFERENCE
8-BIT
DAC
8
FPOL
CHANNEL 2
REFERENCE
8-BIT
DAC
8
FPOL
CHANNEL 3
REFERENCE
8-BIT
DAC
8
BRIGHTNESS
BLANKING
BRIGHTNESS
GAIN
GAIN
GAIN
BRIGHTNESS
BRIGHTNESS
6-BIT
DAC
6-BIT
DAC
6-BIT
DAC
6-BIT
DAC
79
GND
SUPPLY
FPOL
FPOL
VP
511
INPUT CLAMPING
VERTICAL BLANKING
BLANKING
OUTPUT CLAMPING
PEDESTAL
BLANKING
PEDESTAL
BLANKING
PEDESTAL
BLANKING
PEDST
PEDST
PEDST
HFB
CLI
DISV
BLH2
FB/R3
VP3
VO3
GNDX
15
16
14
17
FPOL
FPOL
FB/R2
VP2
VO2
18
19
20
FPOL
FPOL
FB/R1
VP1
VO1
21
22
23
blanking
output
clamping
vertical
blanking
BLH1
TDA4886
Fig.1 Block diagram.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4886A140 MHz video controller with I2C-bus 1 2 3 4 5 MoreNXP Semiconductors
TDA4885150 MHz video controller with I2C-bus 1 2 3 4 5 MoreNXP Semiconductors
LM1283140 MHz RGB Video Amplifier System with On Screen Display OSD 1 2 3 4 5 MoreNational Semiconductor (TI)
EL4390CTriple 80 MHz Video Amplifier with DC Restore 1 2 3 4 5 MoreElantec Semiconductor
DP83934CVUL-20MHz SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface 1 2 3 4 5 MoreNational Semiconductor (TI)
MC13283130 MHz VIDEO PROCESSOR WITH OSD INTERFACE 1 2 Motorola, Inc
ADV7324Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs 1 2 3 4 5 MoreAnalog Devices
LM1269110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM1262200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM1279110 MHz RGB Video Amplifier System with OSD 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl