Selected language     English  ▼


TDA4886 Datasheet(PDF) 11 Page - NXP Semiconductors

Part No. TDA4886
Description  140 MHz video controller with I2C-bus
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 11 page
background image
1998 Nov 11
11
Philips Semiconductors
Product specification
140 MHz video controller with I2C-bus
TDA4886
10 CHARACTERISTICS
All voltages and currents are measured in a dedicated test circuit which is optimized for best high frequency
performance; all voltages are measured with respect to GND (pins 9 and 14); VP =VP1, 2, 3 = 8 V (pins 7, 21,
18 and 15); Tamb =25 °C; nominal input signals [0.7 V (p-p) at pins 6, 8 and 10]; nominal colour signals at signal
outputs (pins 22, 19 and 16); reference black level (Vrbl) approximately 0.77 V; nominal settings for brightness and
contrast; maximum settings for OSD contrast and gain; no subcontrast, modulation of contrast or limiting (V24 ≥ 5 V); no
OSD fast blanking (pin 1 connected to ground); notes 1 to 3; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VP
supply voltage (pin 7)
7.6
8.0
8.8
V
IP
supply current (pin 7)
note 4
21
25
mA
VP1,2,3
channel supply voltage
(pins 21, 18 and 15)
7.6
8.0
8.8
V
IP1,2,3
channel supply current
(pins 21, 18 and 15)
signal outputs (pins 22,
19 and 16) open-circuit;
Vrbl ≈ 0.77 V; notes 4 and 5
21
25
mA
VPSO
supply voltage for signal switch
off (threshold at pin 7)
signal outputs switched to
switch-off voltage
−−
7.2
V
Input clamping and vertical blanking input, validation of buffered I2C-bus data (pin 5)
V5
input clamping and vertical
blanking input signal
notes 6 and 7
no vertical blanking,
no input clamping
−0.1
+1.2
V
vertical blanking,
no input clamping
1.6
2.6
V
input clamping,
no vertical blanking
3.5
VP
V
I5
input current
V5 =1V
−−0.2 −µA
pin 5 connected to ground;
note 8
−80
−60
−30
µA
V5 = −0.1 V; note 8
−250
−200 −100
µA
tr/f5
rise/fall time for input clamping
pulse, disable for vertical
blanking
note 6; see Fig.7
−−
75
ns/V
tW5
width of input clamping pulse
0.6
−−
µs
tW5I2C
width of vertical blanking pulse
for validation of buffered
I2C-bus data
leading and trailing edge
threshold V5 = 1.4 V; note 7
10
−−
µs
tI2Cvalid
delay between leading edge of
vertical blanking pulse and
validation of buffered I2C-bus
data
I2C-bus transmission in
buffered mode completed;
leading edge threshold
V5 = 1.4 V; note 7
−−
2
µs
tI2Cdead
dead time of I2C-bus receiver
after synchronizing vertical
blanking pulse in case of a
completed I2C-bus
transmission in buffered mode
leading edge threshold
V5 = 1.4 V; note 7
15
−−
µs




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4886A140 MHz video controller with I2C-bus 1 2 3 4 5 MoreNXP Semiconductors
TDA4885150 MHz video controller with I2C-bus 1 2 3 4 5 MoreNXP Semiconductors
LM1283140 MHz RGB Video Amplifier System with On Screen Display OSD 1 2 3 4 5 MoreNational Semiconductor (TI)
EL4390CTriple 80 MHz Video Amplifier with DC Restore 1 2 3 4 5 MoreElantec Semiconductor
DP83934CVUL-20MHz SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface 1 2 3 4 5 MoreNational Semiconductor (TI)
MC13283130 MHz VIDEO PROCESSOR WITH OSD INTERFACE 1 2 Motorola, Inc
ADV7324Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs 1 2 3 4 5 MoreAnalog Devices
LM1269110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM1262200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM1279110 MHz RGB Video Amplifier System with OSD 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl