Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4886A Datasheet(PDF) 47 Page - NXP Semiconductors

Part # TDA4886A
Description  140 MHz video controller with I2C-bus
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4886A Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button TDA4886A Datasheet HTML 43Page - NXP Semiconductors TDA4886A Datasheet HTML 44Page - NXP Semiconductors TDA4886A Datasheet HTML 45Page - NXP Semiconductors TDA4886A Datasheet HTML 46Page - NXP Semiconductors TDA4886A Datasheet HTML 47Page - NXP Semiconductors TDA4886A Datasheet HTML 48Page - NXP Semiconductors TDA4886A Datasheet HTML 49Page - NXP Semiconductors TDA4886A Datasheet HTML 50Page - NXP Semiconductors TDA4886A Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
23
FB/R1;
feedback input/
reference
voltage output
channel 1
open-circuit base
control bit FPOL = 0
−300 to +300 µA;
5.77 to 4.05 V
control bit FPOL = 1
PIN
SYMBOL AND
DESCRIPTION
CHARACTERISTIC
WAVEFORM
EQUIVALENT CIRCUIT
MHB215
feedback reference 5.77 to 4.05 V
PEDST = 0
PEDST = 1
MHB213
2 I
I
40 I
100
23
VP
1 k
5.77 to 4.05 V
5.77 to 4.05 V
Vs1
Vs2
1 k
3 k
15 k
15 k
10
µA
10
µA
DC coupling; Vs1 = 0 V; Vs2 = 1 V; I = 0 (control bit FPOL = 0)
AC coupling; Vs1 = 1 V; Vs2 = 0 V; I = 7.5
µA (control bit FPOL = 1)


Similar Part No. - TDA4886A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4886 PHILIPS-TDA4886 Datasheet
495Kb / 52P
   140 MHz video controller with I2C-bus
1998 Nov 11
More results

Similar Description - TDA4886A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4886 PHILIPS-TDA4886 Datasheet
495Kb / 52P
   140 MHz video controller with I2C-bus
1998 Nov 11
TDA4885 PHILIPS-TDA4885 Datasheet
396Kb / 56P
   150 MHz video controller with I2C-bus
1997 Nov 25
logo
Sony Corporation
CXA1314P SONY-CXA1314P Datasheet
287Kb / 14P
   VIDEO SWITCH COMPATIBLE WITH I2C BUS
logo
NXP Semiconductors
PCF8584 PHILIPS-PCF8584 Datasheet
224Kb / 40P
   I2C-bus controller
1997 Oct 21
logo
Sony Corporation
CXA1114P SONY-CXA1114P Datasheet
367Kb / 20P
   AUDIO VIDEO SWITCH COMPATIBLE WITH I2C BUS
logo
List of Unclassifed Man...
NJW1321 ETC2-NJW1321 Datasheet
167Kb / 12P
   WIDE BAND VIDEO SWITCH WITH I2C BUS
logo
Sony Corporation
CXA2040Q SONY-CXA2040Q Datasheet
381Kb / 22P
   I2C Bus-Compatible Video Switch
CXA2040AQ SONY-CXA2040AQ Datasheet
257Kb / 21P
   I2C Bus-Compatible Video Switch
logo
NXP Semiconductors
SC18IM700 NXP-SC18IM700 Datasheet
127Kb / 22P
   Master I2C-bus controller with UART interface
Rev. 02-10 August 2007
PCA9564 PHILIPS-PCA9564_06 Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com