Selected language     English  ā–¼


TDA4886A Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. TDA4886A
Description  140 MHz video controller with I2C-bus
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 6 page
background image
1998 Dec 04
6
Philips Semiconductors
Product speciļ¬cation
140 MHz video controller with I2C-bus
TDA4886A
6
PINNING
SYMBOL
PIN
DESCRIPTION
FBL
1
fast blanking input for OSD insertion
OSD1
2
OSD input channel 1
OSD2
3
OSD input channel 2
OSD3
4
OSD input channel 3
CLI
5
input clamping; vertical blanking
input
VI1
6
signal input channel 1
VP
7
supply voltage
VI2
8
signal input channel 2
GND
9
ground
VI3
10
signal input channel 3
HFB
11
horizontal ļ¬‚yback input
(output clamping, blanking)
SDA
12
I2C-bus serial data input/output
SCL
13
I2C-bus clock input
GNDX
14
ground channels 1, 2 and 3
VP3
15
supply voltage channel 3
VO3
16
signal output channel 3
FB/R3
17
feedback input/reference voltage
output channel 3
VP2
18
supply voltage channel 2
VO2
19
signal output channel 2
FB/R2
20
feedback input/reference voltage
output channel 2
VP1
21
supply voltage channel 1
VO1
22
signal output channel 1
FB/R1
23
feedback input/reference voltage
output channel 1
LIM
24
subcontrast, contrast modulation,
beam current limiting input
Fig.2 Pin configuration.
handbook, halfpage
FBL
OSD1
OSD2
OSD3
CLI
VI1
VP
VI2
GND
VI3
HFB
SDA
LIM
FB/R1
VO1
VP1
VO2
VP2
FB/R2
FB/R3
VO3
VP3
GNDX
SCL
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
TDA4886A
MHB265




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4886140 MHz video controller with I2C-bus 1 2 3 4 5 MoreNXP Semiconductors
TDA4885150 MHz video controller with I2C-bus 1 2 3 4 5 MoreNXP Semiconductors
LM1283140 MHz RGB Video Amplifier System with On Screen Display OSD 1 2 3 4 5 MoreNational Semiconductor (TI)
EL4390CTriple 80 MHz Video Amplifier with DC Restore 1 2 3 4 5 MoreElantec Semiconductor
DP83934CVUL-20MHz SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface 1 2 3 4 5 MoreNational Semiconductor (TI)
MC13283130 MHz VIDEO PROCESSOR WITH OSD INTERFACE 1 2 Motorola, Inc
ADV7324Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs 1 2 3 4 5 MoreAnalog Devices
LM1269110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM1262200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM1279110 MHz RGB Video Amplifier System with OSD 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl