Selected language     English  ▼


TDA4886A Datasheet(PDF) 10 Page - NXP Semiconductors

Part No. TDA4886A
Description  140 MHz video controller with I2C-bus
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 10 page
background image
1998 Dec 04
10
Philips Semiconductors
Product specification
140 MHz video controller with I2C-bus
TDA4886A
8
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. No external voltages.
2. Equivalent to discharging a 200 pF capacitor via a 0.75
µH inductance (“UZW-B0/FQ-B302”).
3. Equivalent to discharging a 100 pF capacitor via a 1500
Ω series resistor (“UZW-B0/FQ-A302”).
9
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage (pin 7)
0
8.8
V
VP1, 2, 3
supply voltage channels 1, 2 and 3 (pins 21,
18 and 15)
0
8.8
V
Vi
input voltage (pins 6, 8 and 10)
−0.1
VP
V
Vext
external DC voltage applied to the following pins:
pins 1 to 4
−0.1
VP
V
pins 5 and 11
−0.1
VP + 0.7
V
pins 12 and 13
−0.1
VP
V
pins 23, 20 and 17
−0.1
VP + 0.7
V
pins 22, 19 and 16
note 1
note 1
pin 24
−0.1
VP
V
Io(av)
average output current (pins 22, 19 and 16)
20
mA
IOM
peak output current (pins 22, 19 and 16)
50
mA
Ptot
total power dissipation
1400
mW
Tstg
storage temperature
−25
+150
°C
Tamb
operating ambient temperature
−20
+70
°C
Tj
junction temperature
−25
+150
°C
VESD
electrostatic handling for all pins
machine model
note 2
−250
+250
V
human body model
note 3
−2000
+2000
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
55
K/W




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TDA4886140 MHz video controller with I2C-bus 1 2 3 4 5 MoreNXP Semiconductors
TDA4885150 MHz video controller with I2C-bus 1 2 3 4 5 MoreNXP Semiconductors
LM1283140 MHz RGB Video Amplifier System with On Screen Display OSD 1 2 3 4 5 MoreNational Semiconductor (TI)
EL4390CTriple 80 MHz Video Amplifier with DC Restore 1 2 3 4 5 MoreElantec Semiconductor
DP83934CVUL-20MHz SONICTM-T Systems-Oriented Network Interface Controller with Twisted Pair Interface 1 2 3 4 5 MoreNational Semiconductor (TI)
MC13283130 MHz VIDEO PROCESSOR WITH OSD INTERFACE 1 2 Motorola, Inc
ADV7324Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs 1 2 3 4 5 MoreAnalog Devices
LM1269110 MHz I2C Compatible RGB Video Amplifier System with OSD & DACs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM1262200 MHz I2C Compatible RGB Video Amplifier System with OSD and DACs 1 2 3 4 5 MoreNational Semiconductor (TI)
LM1279110 MHz RGB Video Amplifier System with OSD 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl