Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4886A Datasheet(PDF) 33 Page - NXP Semiconductors

Part # TDA4886A
Description  140 MHz video controller with I2C-bus
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4886A Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button TDA4886A Datasheet HTML 29Page - NXP Semiconductors TDA4886A Datasheet HTML 30Page - NXP Semiconductors TDA4886A Datasheet HTML 31Page - NXP Semiconductors TDA4886A Datasheet HTML 32Page - NXP Semiconductors TDA4886A Datasheet HTML 33Page - NXP Semiconductors TDA4886A Datasheet HTML 34Page - NXP Semiconductors TDA4886A Datasheet HTML 35Page - NXP Semiconductors TDA4886A Datasheet HTML 36Page - NXP Semiconductors TDA4886A Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
1998 Dec 04
33
Philips Semiconductors
Product specification
140 MHz video controller with I2C-bus
TDA4886A
Fig.16 Test board utilizing internal positive feedback only (FPOL = 1).
handbook, full pagewidth
MHB267
50
5 k
0.47
µF
(63 V)
100
pF
100
nF
CLI
VP
VI2
VI1
CLI
50
5.6
1 k
FBL
FBL
VI2
VI3
VI3
SDA
SCL
HFB
GND
VO3
FB/R3
FB/R1
FB/R2
50
OSD3
OSD3
50
OSD2
OSD2
50
OSD1
OSD1
150
pF
10
nF
10 nF
0.47
µF
(63 V)
150
pF
100
nF
5.6
0.47
µF
(63 V)
150
pF
100
nF
5.6
0.47
µF
(63 V)
150
pF
100
nF
5.6
1 k
J2
5 k
10 k
10 k
10 k
J3
5 k
J1
50
Ω 150 pF
10 nF
VI1
50
Ω 150 pF
10 nF
10 nF
50
HFB
LIMAC
SDA
5 V
SCL
50
50
Ω 150 pF
10 nF
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GNDX
VP3
VP1
VP2
VO1
VO2
FB/R1
solder pin
FB/R2
solder pin
FB/R3
solder pin
LIM
TDA4886A
channel 3
channel 2
channel 1
VPX
3.3
pF
10
k
VO3
3.3
pF
10
k
VO2
3.3
pF
10
k
VO1
VP1 sense
VP sense
VP
GND
VINDC
LIM
5 V


Similar Part No. - TDA4886A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4886 PHILIPS-TDA4886 Datasheet
495Kb / 52P
   140 MHz video controller with I2C-bus
1998 Nov 11
More results

Similar Description - TDA4886A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4886 PHILIPS-TDA4886 Datasheet
495Kb / 52P
   140 MHz video controller with I2C-bus
1998 Nov 11
TDA4885 PHILIPS-TDA4885 Datasheet
396Kb / 56P
   150 MHz video controller with I2C-bus
1997 Nov 25
logo
Sony Corporation
CXA1314P SONY-CXA1314P Datasheet
287Kb / 14P
   VIDEO SWITCH COMPATIBLE WITH I2C BUS
logo
NXP Semiconductors
PCF8584 PHILIPS-PCF8584 Datasheet
224Kb / 40P
   I2C-bus controller
1997 Oct 21
logo
Sony Corporation
CXA1114P SONY-CXA1114P Datasheet
367Kb / 20P
   AUDIO VIDEO SWITCH COMPATIBLE WITH I2C BUS
logo
List of Unclassifed Man...
NJW1321 ETC2-NJW1321 Datasheet
167Kb / 12P
   WIDE BAND VIDEO SWITCH WITH I2C BUS
logo
Sony Corporation
CXA2040Q SONY-CXA2040Q Datasheet
381Kb / 22P
   I2C Bus-Compatible Video Switch
CXA2040AQ SONY-CXA2040AQ Datasheet
257Kb / 21P
   I2C Bus-Compatible Video Switch
logo
NXP Semiconductors
SC18IM700 NXP-SC18IM700 Datasheet
127Kb / 22P
   Master I2C-bus controller with UART interface
Rev. 02-10 August 2007
PCA9564 PHILIPS-PCA9564_06 Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com