Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8385X-XX Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX8385X-XX
Description  3A Low Dropout Positive Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8385X-XX Datasheet(HTML) 3 Page - Microsemi Corporation

  LX8385X-XX Datasheet HTML 1Page - Microsemi Corporation LX8385X-XX Datasheet HTML 2Page - Microsemi Corporation LX8385X-XX Datasheet HTML 3Page - Microsemi Corporation LX8385X-XX Datasheet HTML 4Page - Microsemi Corporation LX8385X-XX Datasheet HTML 5Page - Microsemi Corporation LX8385X-XX Datasheet HTML 6Page - Microsemi Corporation LX8385X-XX Datasheet HTML 7Page - Microsemi Corporation LX8385X-XX Datasheet HTML 8Page - Microsemi Corporation LX8385X-XX Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PRODUCTION DATA SHEET
Microsemi Inc.
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 3
Copyright
© 2000
Rev. 2.0b, 2005-10-25
LX8385x-xx
3A Low Dropout Positive Regulators
TM
®
ELECTRICAL CHA RACTERISTICS
Unless otherwise specified, the following specifications apply over the operating ambient temperature for the LX8385x-xxC with
0
°C
T
A 125°C and the LX8385-xxI with -25°C TA 125°C except where otherwise noted. Test conditions: VIN -VOUT = 3V;
IOUT = 3A. Low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient
temperature.
LX8385x-xx
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
LX8385-00 / 8385A-00 / 8385B-00 (ADJUSTABLE)
IOUT = 10mA, TA = 25°C
1.238
1.250
1.262
V
10mA < IOUT < 3A, 1.5V < (VIN -VOUT),
VIN < 10V, P < PMAX
1.225
1.250
1.270
V
IOUT = 10mA, TA = 25°C
1.240
1.250
1.260
V
Reference Voltage
LX8385/85A-00
(Note 4)
LX8385B-00
VREF
10mA < IOUT < 3A, 1.5V < (VIN -VOUT),
VIN < 10V, P < PMAX
1.238
1.250
1.262
V
Line Regulation (Note 2)
Δ VREF
(VIN)
1.5V < (VIN -VOUT), VIN < 7V, IOUT = 10mA
0.015
0.2
%
Load Regulation (Note 2)
Δ VREF
(IOUT)
VOUT > VREF, VIN - VOUT = 3V,
10mA < IOUT < 3A
0.15
0.5
%
Thermal Regulation
ΔVOUT
(Pwr)
TA = 25°C, 20ms pulse
0.01
0.04
% / W
Ripple Rejection (Note 3)
VOUT = 5V, f= 120Hz, COUT = 100µF Tantalum,
VIN = 6.5V, CADJ = 10µF, IOUT = 3A
65
83
dB
Adjust Pin Current
IADJ
55
100
µA
Adjust Pin Current Change (Note 4)
ΔIADJ
10mA < IOUT < IOUT(MAX), 1.5V < (VIN -VOUT), VIN<10V
0.2
5
µA
ΔVREF = 1%, IOUT = 3A
1.2
1.5
V
Dropout Voltage
LX8385-00
LX8385A/85B-00
ΔV
ΔVREF = 1%, IOUT = 3A
1.1
1.3
V
Minimum Load Current
IOUT(MIN)
VIN < 10V
2
10
mA
Maximum Output Current
IOUT(MAX)
(VIN - VOUT) < 7V, VIN < 10V
3
3.5
A
Long Term Stability (Note 3)
ΔVOUT(t)
TA = 125°C, 1000 hours
0.3
1
%
Temperature Stability (Note 3)
ΔVOUT(T)
0.25
%
RMS Output Noise (% of VOUT)
(Note 3)
ΔVOUT(RMS) TA = 25°C, 10Hz < f < 10kHz
0.003
%
LX8385-33/ 8385A-33/ 8385B-33 (3.3V FIXED)
VIN = 5V, IOUT = 0mA, TA = 25°C
3.267
3.3
3.333
V
4.75V < VIN < 10V, 0mA < IOUT < 3A, P < PMAX
3.235
3.3
3.365
V
VIN = 5V, IOUT = 0mA, TA = 25°C
3.274
3.3
3.326
V
Output Voltage
LX8385/85A-33
(Note 4)
LX8385B-33
VOUT
4.75V < VIN < 10V, 0A < IOUT < 3A, P < PMAX
3.267
3.3
3.333
V
4.75V < VIN < 7V
1
6
mV
Line Regulation (note 2)
ΔVOUT
(VIN)
4.75V < VIN < 10V
2
10
mV
Load Regulation (note 2)
ΔVOUT
(IOUT)
VIN = 5V, 0mA < IOUT < IOUT(MAX)
5
15
mV
Thermal Regulation
ΔVOUT
(Pwr)
TA = 25°C, 20ms pulse
0.01
0.02
% / W
Ripple Rejection (note 3)
COUT = 100µF (Tantalum), IOUT = 3A
60
83
dB
Quiescent Current
IQ
0mA < IOUT < IOUT(MAX), 4.75V < V < 10V
4
10
mA
ΔVOUT = 1%, IOUT < IOUT(MAX)
1.2
1.5
V
Dropout Voltage
LX8385-33
LX8385A/85B-33
ΔV
ΔVOUT = 1%, IOUT < IOUT(MAX)
1.1
1.3
V


Similar Part No. - LX8385X-XX

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8385 MICROSEMI-LX8385 Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
LX8385-00 MICROSEMI-LX8385-00 Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
LX8385-00CD MICROSEMI-LX8385-00CD Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
logo
List of Unclassifed Man...
LX8385-00CD ETC1-LX8385-00CD Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
More results

Similar Description - LX8385X-XX

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085IT-5.0 TI1-LM1085IT-5.0 Datasheet
2Mb / 22P
[Old version datasheet]   LM1085 3A Low Dropout Positive Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com