Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8385A-XXCDT Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX8385A-XXCDT
Description  3A Low Dropout Positive Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8385A-XXCDT Datasheet(HTML) 2 Page - Microsemi Corporation

  LX8385A-XXCDT Datasheet HTML 1Page - Microsemi Corporation LX8385A-XXCDT Datasheet HTML 2Page - Microsemi Corporation LX8385A-XXCDT Datasheet HTML 3Page - Microsemi Corporation LX8385A-XXCDT Datasheet HTML 4Page - Microsemi Corporation LX8385A-XXCDT Datasheet HTML 5Page - Microsemi Corporation LX8385A-XXCDT Datasheet HTML 6Page - Microsemi Corporation LX8385A-XXCDT Datasheet HTML 7Page - Microsemi Corporation LX8385A-XXCDT Datasheet HTML 8Page - Microsemi Corporation LX8385A-XXCDT Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PRODUCTION DATA SHEET
Microsemi Inc.
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2000
Rev. 2.0b, 2005-10-25
LX8385x-xx
3A Low Dropout Positive Regulators
TM
®
ABSOLUTE MAXIMUM RATINGS (NOTE 1)
Power Dissipation ................................................................................... Internally Limited
Input Voltage ................................................................................................................ 10V
Input to Output Voltage Differential............................................................................. 10V
Operating Junction Temperature................................................................................150°C
Storage Temperature Range....................................................................... -65°C to 150 °C
Peak Package Solder Reflow Temp (40 seconds max. exposure) .................260°C (+0, -5)
Note 1: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal.
TH ERMAL DATA
DD
Plastic TO-263 3-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
60
°C/W
THERMAL RESISTANCE
-JUNCTION TO TAB,
θ
JT
2.7°C/W
P
Plastic TO-220 3-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
60
°C/W
THERMAL RESISTANCE
-JUNCTION TO TAB,
θ
JT
2.7°C/W
DT
Plastic TO-252 3-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
60
°C/W
THERMAL RESISTANCE
-JUNCTION TO TAB,
θ
JT
2.7°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJT).
The
θJA & θJT numbers are guidelines for the thermal performance of the device/pc-board
system. All of the above assume no ambient airflow.
PACKAGE PIN OUT
1
V
IN
ADJ /
GND*
V
OUT
2
3
TAB is V
OUT
DD PACKAGE (3-PIN)
(Top View)
V
IN
V
OUT
ADJ/
GND*
TAB is V
OUT
3
2
1
DT PACKAGE (3-PIN)
(Top View)
TAB is V
OUT
ADJ /
GND*
V
OUT
V
IN
1
2
3
P PACKAGE (3-PIN)
(Top View)
*Pin 1 is GND for fixed voltage versions
RoHS 100% Matte Tin Lead Finish
BLOCK DIAGRAM
Thermal
Limit Circuit
Bias Circuit
Bandgap
Circuit
Control
Circuit
Output
Circuit
SOA
Protection
Circuit
Current
Limit Circuit
V
IN
ADJ or
GND*
V
OUT
*Pin 1 is GND for fixed voltage versions


Similar Part No. - LX8385A-XXCDT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8385A-XXCDT MICROSEMI-LX8385A-XXCDT Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
More results

Similar Description - LX8385A-XXCDT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085IT-5.0 TI1-LM1085IT-5.0 Datasheet
2Mb / 22P
[Old version datasheet]   LM1085 3A Low Dropout Positive Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com