Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACML-0805-2000 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ACML-0805-2000
Description  SURFACE-MOUNT MULTI-LAYER CHIP BEADS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACML-0805-2000 Datasheet(HTML) 2 Page - Abracon Corporation

  ACML-0805-2000 Datasheet HTML 1Page - Abracon Corporation ACML-0805-2000 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
10
1
10
100
1000
1
ACML - 0603 -(7, 60, 300, 600, 1000)
7
60
1000
600
300
FREQUENCY (MHz)
100
1000
Z
O
H
M
S
0.1
10
1
10
100
1000
1
FREQUENCY (MHz)
100
1000
11
500
80
ACML - 0402 -(11, 80, 500)
Z
O
H
M
S
0.1
10
1
10
100
1000
1
FREQUENCY (MHz)
100
1000
19
600
750
1000
2000
10000
Z
O
H
M
S
ACML- 0805 - (19, 600, 750, 1000, 2000)
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
|||||||||||||||
SURFACE-MOUNT MULTI-LAYER CHIP BEADS
SURFACE-MOUNT MULTI-LAYER CHIP BEADS
SURFACE-MOUNT MULTI-LAYER CHIP BEADS
ACML 0402, 0603, 0805
IMPEDANCE VS. FREQUENCY:


Similar Part No. - ACML-0805-2000

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACML-0805-202 ABRACON-ACML-0805-202 Datasheet
2Mb / 4P
   0805 Multilayer Ferrite Chip Bead
04.09.14
More results

Similar Description - ACML-0805-2000

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACML-1206 ABRACON-ACML-1206 Datasheet
63Kb / 1P
   SURFACE-MOUNT MULTI-LAYER CHIP BEADS
logo
Central Technologies
CTCBF-S CT-CTCBF-S Datasheet
492Kb / 2P
   Chip Beads - Multi-layer
CTCBF-M CT-CTCBF-M Datasheet
438Kb / 2P
   Chip Beads - Multi-layer
CTCBF CT-CTCBF Datasheet
356Kb / 1P
   Chip Beads - Multi-layer
CTCBF-H CT-CTCBF-H Datasheet
427Kb / 2P
   Chip Beads - Multi-layer
CTCBF-U CT-CTCBF-U Datasheet
491Kb / 2P
   Chip Beads - Multi-layer
CTCBF-P CT-CTCBF-P Datasheet
435Kb / 2P
   Chip Beads - Multi-layer
CTCB CT-CTCB Datasheet
457Kb / 2P
   Chip Beads - Multi-layer
CTCB060302F CT-CTCB060302F Datasheet
115Kb / 1P
   Chip Beads - Multi-layer
logo
KOA Speer Electronics, ...
CZB1EFT KOA-CZB1EFT Datasheet
631Kb / 15P
   Multi Layer Ferrite Chip Beads
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com