Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4887PS Datasheet(PDF) 31 Page - NXP Semiconductors

Part # TDA4887PS
Description  160 MHz bus-controlled monitor video preamplifier
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4887PS Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button TDA4887PS Datasheet HTML 27Page - NXP Semiconductors TDA4887PS Datasheet HTML 28Page - NXP Semiconductors TDA4887PS Datasheet HTML 29Page - NXP Semiconductors TDA4887PS Datasheet HTML 30Page - NXP Semiconductors TDA4887PS Datasheet HTML 31Page - NXP Semiconductors TDA4887PS Datasheet HTML 32Page - NXP Semiconductors TDA4887PS Datasheet HTML 33Page - NXP Semiconductors TDA4887PS Datasheet HTML 34Page - NXP Semiconductors TDA4887PS Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 68 page
background image
2001 Oct 19
31
Philips Semiconductors
Product specification
160 MHz bus-controlled monitor video
preamplifier
TDA4887PS
handbook, full pagewidth
MHB951
00H
20H
40H
60H
80H
A0H
C0H
E0H
FFH
0
DAC output voltage
pins 23, 20, 17
(V)
feedback reference data byte; subaddresses 07H, 08H and 09H
2.55
5.75
3.95
4.35
(1)
(2)
brightness control;
8-bit DAC subaddress 01H
Fig.14 DAC output voltages (control bit FPOL = 1).
(1) Control bit BRI = 0 or control bit BRI = 1 and minimum brightness setting (subaddress 01H at 00H).
(2) Control bit BRI = 1 and maximum brightness setting (subaddress 01H at FFH).


Similar Part No. - TDA4887PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4881 PHILIPS-TDA4881 Datasheet
118Kb / 12P
   Advanced monitor video controller
November 1992
TDA4882 PHILIPS-TDA4882 Datasheet
263Kb / 28P
   Advanced monitor video controller for OSD
1997 Sep 04
TDA4884 PHILIPS-TDA4884 Datasheet
189Kb / 28P
   Advanced monitor video controller for OSD
1997 Nov 26
TDA4885 PHILIPS-TDA4885 Datasheet
396Kb / 56P
   150 MHz video controller with I2C-bus
1997 Nov 25
TDA4886 PHILIPS-TDA4886 Datasheet
495Kb / 52P
   140 MHz video controller with I2C-bus
1998 Nov 11
More results

Similar Description - TDA4887PS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M52743BSP RENESAS-M52743BSP Datasheet
322Kb / 26P
   I2C BUS Controlled 3-Channel Video Preamplifier
logo
Mitsubishi Electric Sem...
M52743SP MITSUBISHI-M52743SP Datasheet
136Kb / 19P
   I 2 C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
M52743BSP MITSUBISHI-M52743BSP Datasheet
140Kb / 19P
   I 2 C BUS CONTROLLED 3-CHANNEL VIDEO PREAMPLIFIER
logo
STMicroelectronics
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
   I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
TDA9203A STMICROELECTRONICS-TDA9203A Datasheet
119Kb / 13P
   I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
logo
Mitsubishi Electric Sem...
M61301SP MITSUBISHI-M61301SP Datasheet
293Kb / 25P
   BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52745SP MITSUBISHI-M52745SP Datasheet
386Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52746SP MITSUBISHI-M52746SP Datasheet
281Kb / 25P
   BUS CONTROLLED 3CH VIDEO PRE-AMP FOR CRT DISPLAY MONITOR
M52742SP MITSUBISHI-M52742SP Datasheet
143Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
M52742ASP MITSUBISHI-M52742ASP Datasheet
401Kb / 21P
   BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com