Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX8385-XXIP Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX8385-XXIP
Description  3A Low Dropout Positive Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8385-XXIP Datasheet(HTML) 1 Page - Microsemi Corporation

  LX8385-XXIP Datasheet HTML 1Page - Microsemi Corporation LX8385-XXIP Datasheet HTML 2Page - Microsemi Corporation LX8385-XXIP Datasheet HTML 3Page - Microsemi Corporation LX8385-XXIP Datasheet HTML 4Page - Microsemi Corporation LX8385-XXIP Datasheet HTML 5Page - Microsemi Corporation LX8385-XXIP Datasheet HTML 6Page - Microsemi Corporation LX8385-XXIP Datasheet HTML 7Page - Microsemi Corporation LX8385-XXIP Datasheet HTML 8Page - Microsemi Corporation LX8385-XXIP Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCTION DATA SHEET
Microsemi Inc.
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 1
Copyright
© 2000
Rev. 2.0b, 2005-10-25
LX8385x-xx
3A Low Dropout Positive Regulators
TM
®
DESCRIPTION
The LX8385/85A/85B Series ICs are
positive regulators designed to provide 3A
output current. These regulators yield
higher efficiency than currently available
devices with all internal circuitry designed
to operate down to a 1V input-to-output
differential. In each of these products, the
dropout voltage is fully specified as a
function of load current. Dropout is
guaranteed at a maximum of 1.3V
(8385A/B) and 1.5V (8385) at maximum
output current, decreasing at lower load
currents.
In addition, on-chip trimming adjusts the
reference voltage tolerance to 1% maximum
at room temperature and 2% maximum over
the 0 to 125°C range for the LX8385A. The
LX8385B offers 0.8% tolerance at room
temperature and 1.0% maximum over line,
load and temperature. Fixed versions are
also available and specified in the Available
Options table below.
The LX8385/85A/85B Series devices are
pin-compatible
with
earlier
3-terminal
regulators, such as the 117 series products,
but they do require input and output
capacitors. A minimum 10µF capacitor is
required on the input and a 15µF or greater
on the output of these new devices for
stability. Although, these capacitors are
generally included in most regulator designs.
The LX8385/85A/85B Series quiescent
current flows into the load, thereby
increasing efficiency. This feature contrasts
with PNP regulators where up to 10% of the
output current is wasted as quiescent
current.
The LX8385-xxI is specified over the
industrial temperature range of -25°C to
125°C, while the LX8385-xxC / 85A-xxC /
85B-xxC is specified over the commercial
range of 0°C to 125°C.
IMPORTANT:
For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
PRODUCT H I GHLIGHT
*1500µF
6MV1500GX
Sanyo
LX8385A
121Ω
1%
200Ω
1%
IN
ADJ
OUT
5V
3.3V
at 3A
1500µF
2x 6MV1500GX
Sanyo
+
+
KEY FEATUR ES
Three-Terminal Adjustable Or
Fixed Output
Guaranteed 1% Voltage
Reference Accuracy Over Line,
Load, And Temperature
(LX8385B)
Guaranteed < 1.5V Headroom At
3A (LX8385)
Guaranteed < 1.3V Headroom At
3A (LX8385A/8385B)
0.015% Line Regulation
0.15% Load Regulation
APPLICATIONS
High Efficiency Linear
Regulators
Post Regulators For Switching
Power Supplies
Battery Chargers
Constant Current Regulators
Graphics & Standard Supplies
Processor I/O Supply
Low Voltage Memory & Chipset
Supplies
PART #
OUT PUT
VOLTAGE
LX8385/85A/85B-00
Adjustable
LX8385/85A/85B-33
3.3V
LX8385/85A/85B-05
5.0V
Table 1
- Available Options
PACKAGE ORDER INFO
DT
Plastic TO-252
(D-Pak) 3-Pin
P
Plastic TO-220
3-Pin
DD
Plastic TO-263
3-Pin
TA (°C)
Max Ref
Accuracy
Max Dropout
Voltage
RoHS Compliant
Transition DC: 0532
RoHS Compliant
Transition DC: 0543
RoHS Compliant
Transition DC: 0535
2.0%
1.5V
LX8385-xxCDT
LX8385-xxCP
LX8385-xxCDD
2.0%
1.3V
LX8385A-xxCDT
LX8385A-xxCP
LX8385A-xxCDD
0 to 125
1.0%
1.3V
LX8385B-xxCDT
LX8385B-xxCP
LX8385B-xxCDD
-25 to 125
2.0%
1.5V
LX8385-xxIDT
LX8385-xxIP
LX8385-xxIDD
Note: Available in Tape & Reel. Append the letters “TR” to the part number. (i.e. LX8385-xxCP-TR)


Similar Part No. - LX8385-XXIP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8385-XXIP MICROSEMI-LX8385-XXIP Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
More results

Similar Description - LX8385-XXIP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085IT-5.0 TI1-LM1085IT-5.0 Datasheet
2Mb / 22P
[Old version datasheet]   LM1085 3A Low Dropout Positive Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com